Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F205RB Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 41Page - STMicroelectronics STM32F205RB Datasheet HTML 42Page - STMicroelectronics STM32F205RB Datasheet HTML 43Page - STMicroelectronics STM32F205RB Datasheet HTML 44Page - STMicroelectronics STM32F205RB Datasheet HTML 45Page - STMicroelectronics STM32F205RB Datasheet HTML 46Page - STMicroelectronics STM32F205RB Datasheet HTML 47Page - STMicroelectronics STM32F205RB Datasheet HTML 48Page - STMicroelectronics STM32F205RB Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 177 page
background image
STM32F20xxx
Pinouts and pin description
Doc ID 15818 Rev 9
45/177
35 H1 53 75 94 R14
PB14
I/O FT
PB14
SPI2_MISO/ TIM1_CH2N /
TIM12_CH1 / OTG_HS_DM
USART3_RTS/
TIM8_CH2N/ EVENTOUT
36 G1 54 76 95 R15
PB15
I/O FT
PB15
SPI2_MOSI / I2S2_SD /
TIM1_CH3N / TIM8_CH3N
/ TIM12_CH2 /
OTG_HS_DP / RTC_50Hz/
EVENTOUT
-
-
55 77 96 P15
PD8
I/O FT
PD8
FSMC_D13 / USART3_TX/
EVENTOUT
-
-
56 78 97 P14
PD9
I/O FT
PD9
FSMC_D14 / USART3_RX/
EVENTOUT
-
-
57 79 98 N15
PD10
I/O FT
PD10
FSMC_D15 / USART3_CK/
EVENTOUT
-
-
58 80 99 N14
PD11
I/O FT
PD11
FSMC_A16/USART3_CTS/
EVENTOUT
-
-
59 81 100 N13
PD12
I/O FT
PD12
FSMC_A17/TIM4_CH1 /
USART3_RTS/ EVENTOUT
-
-
60 82 101 M15
PD13
I/O FT
PD13
FSMC_A18/TIM4_CH2/
EVENTOUT
--
-
83 102
-
VSS_8
SVSS_8
--
-
84 103 J13
VDD_8
SVDD_8
-
-
61 85 104 M14
PD14
I/O FT
PD14
FSMC_D0/TIM4_CH3/
EVENTOUT
-
-
62 86 105 L14
PD15
I/O FT
PD15
FSMC_D1/TIM4_CH4/
EVENTOUT
-
-
-
87 106 L15
PG2
I/O FT
PG2
FSMC_A12/ EVENTOUT
-
-
-
88 107 K15
PG3
I/O FT
PG3
FSMC_A13/ EVENTOUT
-
-
-
89 108 K14
PG4
I/O FT
PG4
FSMC_A14/ EVENTOUT
-
-
-
90 109 K13
PG5
I/O FT
PG5
FSMC_A15/ EVENTOUT
-
-
-
91 110 J15
PG6
I/O FT
PG6
FSMC_INT2/ EVENTOUT
-
-
-
92 111 J14
PG7
I/O FT
PG7
FSMC_INT3 /USART6_CK/
EVENTOUT
-
-
-
93 112 H14
PG8
I/O FT
PG8
USART6_RTS /
ETH_PPS_OUT/
EVENTOUT
--
-
94 113 G12
VSS_9
SVSS_9
Table 6.
STM32F20x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com