Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F205RB Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 46Page - STMicroelectronics STM32F205RB Datasheet HTML 47Page - STMicroelectronics STM32F205RB Datasheet HTML 48Page - STMicroelectronics STM32F205RB Datasheet HTML 49Page - STMicroelectronics STM32F205RB Datasheet HTML 50Page - STMicroelectronics STM32F205RB Datasheet HTML 51Page - STMicroelectronics STM32F205RB Datasheet HTML 52Page - STMicroelectronics STM32F205RB Datasheet HTML 53Page - STMicroelectronics STM32F205RB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 177 page
background image
Pinouts and pin description
STM32F20xxx
50/177
Doc ID 15818 Rev 9
-
-
-
- 173 D4
PI4
I/O FT
PI4
TIM8_BKIN / DCMI_D5/
EVENTOUT
-
-
-
- 174 C4
PI5
I/O FT
PI5
TIM8_CH1 /
DCMI_VSYNC/
EVENTOUT
-
-
-
- 175 C3
PI6
I/O FT
PI6
TIM8_CH2 / DCMI_D6/
EVENTOUT
-
-
-
- 176 C2
PI7
I/O FT
PI7
TIM8_CH3 / DCMI_D7/
EVENTOUT
-
C8
-
-
-
-
IRROFF
I/O
IRROFF
1.
I = input, O = output, S = supply, HiZ = high impedance.
2.
FT = 5 V tolerant; TT = 3.6 V tolerant.
3.
Function availability depends on the chosen device.
4.
PC13, PC14, PC15 and PI8 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 and PI8 in output mode is limited: the speed should not exceed 2 MHz with a
maximum load of 30 pF and these I/Os must not be used as a current source (e.g. to drive an LED).
5.
Main function after the first backup domain power-up. Later on, it depends on the contents of the RTC registers even after
reset (because these registers are not reset by the main reset). For details on how to manage these I/Os, refer to the RTC
register description sections in the STM32F20x and STM32F21x reference manual, available from the STMicroelectronics
website: www.st.com.
6.
FT = 5 V tolerant except when in analog mode or oscillator mode (for PC14, PC15, PH0 and PH1).
7.
If the device is delivered in an UFBGA176 package and if the REGOFF pin is set to VDD (Regulator OFF), then PA0 is used
as an internal Reset (active low).
8.
FSMC_NL pin is also named FSMC_NADV on memory devices.
9.
RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
Table 6.
STM32F20x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions
Table 7.
FSMC pin definition
Pins
FSMC
LQFP100
CF
NOR/PSRAM/S
RAM
NOR/PSRAM Mux
NAND 16 bit
PE2
A23
A23
Yes
PE3
A19
A19
Yes
PE4
A20
A20
Yes
PE5
A21
A21
Yes
PE6
A22
A22
Yes
PF0
A0
A0
-
PF1
A1
A1
-
PF2
A2
A2
-
PF3
A3
A3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com