Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F205RB Datasheet(PDF) 173 Page - STMicroelectronics

Part # STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Datasheet(HTML) 173 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 169Page - STMicroelectronics STM32F205RB Datasheet HTML 170Page - STMicroelectronics STM32F205RB Datasheet HTML 171Page - STMicroelectronics STM32F205RB Datasheet HTML 172Page - STMicroelectronics STM32F205RB Datasheet HTML 173Page - STMicroelectronics STM32F205RB Datasheet HTML 174Page - STMicroelectronics STM32F205RB Datasheet HTML 175Page - STMicroelectronics STM32F205RB Datasheet HTML 176Page - STMicroelectronics STM32F205RB Datasheet HTML 177Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 173 / 177 page
background image
STM32F20xxx
Revision history
Doc ID 15818 Rev 9
173/177
20-Dec-2011
8
(continued)
Added maximum power consumption at TA=25 °C in Table 21: Typical
and maximum current consumptions in Stop mode.
Updated md minimum value in Table 34: SSCG parameters constraint.
Added examples in Section 5.3.11: PLL spread spectrum clock
generation (SSCG) characteristics.
Updated Table 52: SPI characteristics and Table 53: I2S
characteristics.
Updated Figure 45: ULPI timing diagram and Table 59: ULPI timing.
Updated Table 61: Dynamics characteristics: Ethernet MAC signals for
SMI, Table 62: Dynamics characteristics: Ethernet MAC signals for
RMII, and Table 63: Dynamics characteristics: Ethernet MAC signals
for MII.
Section 5.3.25: FSMC characteristics: updated Table 70 toTable 81,
changed CL value to 30 pF, and modified FSMC configuration for
asynchronous timings and waveforms. Updated Figure 59:
Synchronous multiplexed PSRAM write timings.
UpdatedTable 82: DCMI characteristics.
Updated Table 90: UFBGA176+25 - ultra thin fine pitch ball grid array
10 × 10 × 0.6 mm mechanical data.
Updated Table 92: Ordering information scheme.
Appendix A.3: USB OTG full speed (FS) interface solutions: updated
Figure 87: USB OTG FS (full speed) host-only connection and added
Note 2 , updated Figure 88: OTG FS (full speed) connection dual-role
with internal PHY and added Note 3 and Note 4, modified Figure 89:
OTG HS (high speed) device connection, host and dual-role in high-
speed mode with external PHY and added Note 2.
Appendix A.4: USB OTG high speed (HS) interface solutions:
removed figures USB OTG HS device-only connection in FS mode and
USB OTG HS host-only connection in FS mode,updated Figure 89:
OTG HS (high speed) device connection, host and dual-role in high-
speed mode with external PHY.
Added Appendix A.6: Ethernet interface solutions.
Updated disclaimer on last page.
24-Apr-2012
9
Updated VDD minimum value in Section 2: Description.
Updated number of USB OTG HS and FS, modified packages for
STM32F207Ix part numbers, added Note 1 related to FSMC and
Note 2 related to SPI/I2S, and updated Note 3 in Table 2:
STM32F205xx features and peripheral counts and Table 3:
STM32F207xx features and peripheral counts.
Added Note 2 and update TIM5 in Figure 4: STM32F20x block
diagram.
Updated maximum number of maskable interrupts in Section 2.2.10:
Nested vectored interrupt controller (NVIC).
Updated VDD minimum value in Section 2.2.14: Power supply
schemes.
Updated Note a in Section : Regulator ON.
Removed STM32F205xx in Section 2.2.28: Universal serial bus on-
the-go full-speed (OTG_FS).
Table 94.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com