Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC2308ASTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2308ASTRT
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308ASTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC2308ASTRT Datasheet HTML 1Page - Semtech Corporation SC2308ASTRT Datasheet HTML 2Page - Semtech Corporation SC2308ASTRT Datasheet HTML 3Page - Semtech Corporation SC2308ASTRT Datasheet HTML 4Page - Semtech Corporation SC2308ASTRT Datasheet HTML 5Page - Semtech Corporation SC2308ASTRT Datasheet HTML 6Page - Semtech Corporation SC2308ASTRT Datasheet HTML 7Page - Semtech Corporation SC2308ASTRT Datasheet HTML 8Page - Semtech Corporation SC2308ASTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
Absolute Maximum Ratings
Recommended Operating Conditions
Junction Temperature Range………………… -40°C to +05°C
V
IN ………………………………………………… 2.6V to 20V
Thermal Information
Θ
JA, 8-Lead SOIC
(2)
…………………………………… 60°C/W
Maximum Junction Temperature …………………… +50 °C
Storage Temperature Range ……………… -65°C to +50°C
Peak IR Reflow Temperature (0s to 30s) …………… +260°C
Unless otherwise noted: V
IN = VEN = 3V, TJ = -40°C to 05°C. Typical values are at TJ = 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply
Maximum Operating V
IN
V
IN(MAX)
20
V
V
IN Start Voltage
V
IN Rising
2.45
2.6
V
Shutdown Supply Current
V
EN = 0
0.0

µA
Quiescent Supply Current
I
Q
V
FB = .5V (Not Switching)
.3
.8
mA
Control Loop
Feedback Regulation Voltage
V
REF
.20
.22
.24
V
V
REF Line Regulation
V
IN = 3V to 20V
0.002
0.005
%/V
FB Pin Input Bias Current
I
FB
FB in Regulation
-5
-25
nA
Error Amplifier Transconductance
g
m
V
COMP = .V, DICOMP = ± 0.5µA
47
µW-
Error Amplifier Open-Loop Gain
A
V
5
dB
COMP to Switch Current Gain
4
A/V
Soft-Start
Soft-Start Time(3)
t
SS
3
ms
Electrical Characteristics
IN to GND………………………………………… -0.3V to 24V
SW …………………………………………………-0.3V to 45V
EN ……………………………………………-0.3V to V
IN + 0.3V
FB …………………………………………… -0.3V to V
IN + 0.3V
COMP ……………………………………… -0.3V to V
IN + 0.3V
ESD Protection Level() ………………………………… 3.5kV
Notes:
() Tested according to JEDEC standard JESD22-A4-B.
(2) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
Notes:
(3) Time taken for the error amplifier soft-start input to rise from 0 to .22V.
SC2308A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com