Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD571 Datasheet(PDF) 8 Page - Analog Devices

Part # AD571
Description  10-Bit A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD571 Datasheet(HTML) 8 Page - Analog Devices

  AD571 Datasheet HTML 1Page - Analog Devices AD571 Datasheet HTML 2Page - Analog Devices AD571 Datasheet HTML 3Page - Analog Devices AD571 Datasheet HTML 4Page - Analog Devices AD571 Datasheet HTML 5Page - Analog Devices AD571 Datasheet HTML 6Page - Analog Devices AD571 Datasheet HTML 7Page - Analog Devices AD571 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD571
REV. A
–8–
zero, blanking the previously active port at the same time. Sub-
sequently, this second device can be read by the microprocessor,
and so-forth. The status lines are wire-ored in 2 groups and
connected to the two remaining control pins. This allows a con-
version status check to be made after a convert command, if
necessary. The ADCs are divided into two groups to minimize
the loading effect of the internal pull-up resistors on the DATA
READY
buffers.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
18-Lead Ceramic Dual-In-Line Package
with the 2 control bits (which act as outputs), are used to con-
trol the 8 AD571s. When a control line is in the “1” or high
state, the ADC will be automatically blanked. That is, its out-
puts will be in the inactive open state. If a single control line is
switched low, its ADC will convert and the outputs will auto-
matically go active when the conversion is complete. The result
can then be read from the two peripheral ports; when the next
conversion is desired, a different control line can be switched to



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com