Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD571 Datasheet(PDF) 1 Page - Analog Devices

Part # AD571
Description  10-Bit A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD571 Datasheet(HTML) 1 Page - Analog Devices

  AD571 Datasheet HTML 1Page - Analog Devices AD571 Datasheet HTML 2Page - Analog Devices AD571 Datasheet HTML 3Page - Analog Devices AD571 Datasheet HTML 4Page - Analog Devices AD571 Datasheet HTML 5Page - Analog Devices AD571 Datasheet HTML 6Page - Analog Devices AD571 Datasheet HTML 7Page - Analog Devices AD571 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
3 STATE
BUFFERS
AUTO BLANK
CONTROL
10-BIT
CURRENT
OUTPUT
DAC
5k
DATA
READY
INT.
CLOCK
10-BIT
SAR
B & C
COMPARATOR
TEMPERATURE COMPENSATED
BURIED ZENER REFERENCE
AND DAC CONTROL
13
14
15
MSB
LSB
17
16
10
11
12
BLANK &
CONVERT CONTROL
V+
V–
DIGITAL
COMMON
ANALOG
IN
ANALOG
COMMON
BIPOLAR
OFFSET
CONTROL
BIT
OUTPUTS
AD571
DATA READY
6
7
8
9
2
3
4
5
18
1
a
10-Bit A/D Converter
AD571*
FEATURES
Complete A/D Converter with Reference and Clock
Fast Successive Approximation Conversion: 40
s max
No Missing Codes Over Temperature
0 C to +70 C: AD571K
–55 C to +125 C: AD571S
Digital Multiplexing: Three-State Outputs
18-Pin Ceramic DIP
Low Cost Monolithic Construction
PRODUCT DESCRIPTION
The AD571 is an 10-bit successive approximation A/D con-
verter consisting of a DAC, voltage reference, clock, compara-
tor, successive approximation register and output buffers—all
fabricated on a single chip. No external components are re-
quired to perform a full accuracy 10-bit conversion in 40
µs.
Operating on supplies of +5 V to +15 V and –15 V, the
AD571 will accepts analog inputs of 0 V to +10 V unipolar of
±5 V bipolar, externally selectable. When the BLANK and
CONVERT
input is driven low, the three-state outputs will be
open and a conversion will commence. Upon completion of the
conversion, the DATA READY line goes low and the data ap-
pears at the output. Pulling the BLANK and CONVERT input
high blanks the outputs and readies the device for the next con-
version. The AD571 executes a true 10-bit conversion with no
missing codes in 40
µs maximum.
The AD571 is available in two version for the 0
°C to +70°C
temperature range, the AD571J and K. The AD571S guarantees
10-bit accuracy and no missing codes from –55
°C to +125°C.
*Covered by Patent Nos. 3,940,760; 4,213,806; 4,136,349.
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT HIGHLIGHTS
1. The AD571 is a complete 10-bit A/D converter. No external
components are required to perform a conversion. Full-scale
calibration accuracy of
±0.3% is achieved without external
trims.
2. The AD571 is a single chip device employing the most ad-
vanced IC processing techniques. Thus, the user has at his
disposal a truly precision component with the reliability and
low cost inherent in monolithic construction,
3. The AD571 accepts either unipolar (0 V to +10 V) or bipolar
(–5 V to +5 V) analog inputs by grounding or opening a
single pin.
4. The device offers true 10-bit accuracy and exhibits no miss-
ing codes over its entire operating temperature range.
5. Operation is guaranteed with –15 V and +5 V or +15 V sup-
plies. The device will also operate with a –12 V supply.


Similar Part No. - AD571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD571 AD-AD571 Datasheet
563Kb / 9P
10-Bit A/D Converter
4/12-Rev. A to Rev. B
AD5710R AD-AD5710R Datasheet
5Mb / 56P
8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
Rev. 0
AD5710R AD-AD5710R Datasheet
5Mb / 59P
8-channel 12-/16-bit Configurable IDAC/VDAC with On-Chip Reference
Rev. B
AD5710RBCBZ-RL7 AD-AD5710RBCBZ-RL7 Datasheet
5Mb / 56P
8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
Rev. 0
AD5710RBCBZ-RL7 AD-AD5710RBCBZ-RL7 Datasheet
5Mb / 59P
8-channel 12-/16-bit Configurable IDAC/VDAC with On-Chip Reference
Rev. B
More results

Similar Description - AD571

ManufacturerPart #DatasheetDescription
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
10-BIT D/A CONVERTER
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
10-bit 125MSPS D/A Converter
logo
Analog Devices
AD573 AD-AD573 Datasheet
327Kb / 8P
10-Bit A/D Converter
logo
fujitsu semiconductor
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
1CHANNEL 10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
10-BIT A-D CONVERTER
logo
Intersil Corporation
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
10-Bit, 500MSPS A/D Converter
December 5, 2008
logo
Analog Devices
5962-8850501RA AD-5962-8850501RA Datasheet
593Kb / 10P
10-Bit A/D Converter
REV. B
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
10-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
10-Bit A/D Converter
4/12-Rev. A to Rev. B
AD573 AD-AD573_17 Datasheet
517Kb / 11P
10-Bit A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com