Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PASP01Q-00-2MB Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PASP01Q-00-2MB
Description  RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PASP01Q-00-2MB Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PASP01Q-00-2MB Datasheet HTML 1Page - PowerDynamics, Inc PASP01Q-00-2MB Datasheet HTML 2Page - PowerDynamics, Inc PASP01Q-00-2MB Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PASP Series Example & Ordering Code
CURRENT RATING (A):
= 01
= 02
= 03
= 06
= 08
= 10
= 15*
TERMINAL:
= Q
= S
= W
OPTIONS:
= 00
= 50**
= 60
QUICK CONNECT
SOLDER
WIRE
NO BLEEDER RESISTOR & GROUND CHOKE
BLEEDER RESISTOR (1/4 W, 1M)
BLEEDER RESISTOR (1/2 W, 1M)
COMPONENT LOCATIONS:
= 1
= 2
= 3
= 4
= 1M
= 2M
STANDARD TYPE
WITHOUT C(X); C(Y) ONLY
C(X) & C(Y) BEHIND L
WITHOUT C(X) & C(Y)
WITHOUT C(Y); C(X) ONLY
WITHOUT C(Y); C(X) BEHIND L
6.3/0.25
4.0/0.187
UL 1015, 18AWG
STRANDED, 4”
ATTENUATION CODE TABLE:
Non-Medical applications, select Attenuation code with corresponding component values from the table.
= A
= B
= C
= D
= E
= F
= G
= H
= I
= J
= K
8.0
3.0-3.6L
6.6
2.0-3.0L

Contact PDI for attenuation numbers

Contact PDI for availability
*15A for UL, cUL; 10A for CE, VDE
** N/A for 15A
Cx
Cy
Inductance Per Current Rating (mH)
(µF)
(pF)
1A
2A
3A
6A
8A
10A
15A
0.1
2200
6.5
3.8
2.5
0.8
1.05
0.2
0.2
0.015
3300
1.9
1.5
1.1
0.6

0.3
0.2
0.1
3300
3.7
2.7
1.8
0.8
1.05
0.3
0.2
0.1
1000
10.5
4.2
2.5
1.05

0.3
0.2
0.047
3300
4.6
3.4
2.5
0.9

0.3
0.2
0.033
3300
9.5
4.3
1.8
0.85

0.3
0.2
0.047
2200
10.5
4.0
1.2
0.53

0.3
0.2
0.033
2200
5.0
3.7
1.8
0.6

0.2
0.2
without Cx
without Cy
10.5
6.5
2.5
1.05

0.3
0.2
0.22
2200
6.5
4.0
2.5
0.8
1.05
0.3
0.2
0.22
3300
6.5
4.0
2.5
0.8
1.05
0.3
0.2
Cx
Inductance Per Current Rating (mH)
(µF)
1A
2A
3A
6A
8A
10A
15A
0.1
6.5
3.8
2.5
0.8
1.05
0.2
0.2
0.015
1.9
1.5
1.1
0.6

0.3
0.2
0.1
3.7
2.7
1.8

0.3

0.047
4.6
3.4
2.5
0.9

0.3
0.2
0.033
9.5
4.3
1.8
0.85

0.3
0.2
0.22
6.5
4.0
2.5
0.8
1.05
0.3
0.2
0.047
10.5
4
1.2
0.53

*

0.033
5
3.7

0.6

0.2

Medical applications, select Attenuation code with corresponding component values from the table.
= M1
= M2
= M3
= M4
= M5
= M6
= M7
= M8
SCHEMATICS
4
CX
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Cy
R
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Cy
R
1
2
G
L mH
L mH
L
N
L
L'
N'
G'
R
Cy
Cy
CX
G'
G
L mH
L mH
L
N
L
L'
N'
R
3
MEDICAL
SCHEMATICS
G'
CX
G
L mH
L mH
L
N
L
L'
N'
R
G'
G
L mH
L mH
L
N
L
L'
N'
R
CX
2M
1M
PASP
-
-
01 Q
50
1
C
21
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com