Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PASP01Q-00-2MB Datasheet(PDF) 3 Page - PowerDynamics, Inc

Part # PASP01Q-00-2MB
Description  RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PASP01Q-00-2MB Datasheet(HTML) 3 Page - PowerDynamics, Inc

  PASP01Q-00-2MB Datasheet HTML 1Page - PowerDynamics, Inc PASP01Q-00-2MB Datasheet HTML 2Page - PowerDynamics, Inc PASP01Q-00-2MB Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Medical Applications
Non-Medical Applications
PA Series Attenuation Tables
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
34 38 39 32 16 21
9 26 37 62 51 11
29 32 34 30 19 16
8 23 34 60 48 13
28 35 37 28 22 19
8 19 28 52 44 12
18 22 24 27 25 18
8 18 26 52 45 27
8 13 15 17 16 14
8 18 25 32 28 24
7 12 15 16 14 11
7 17 24 41 32 23
25 31 33 30 24 21
1 5 14 41 46 17
23 27 28 29 24 23
1 5 14 45 58 15
19 22 24 27 27 20
1 4 10 39 50 34
15 21 24 23 21 17
1 4 9 30 49 28
11 16 18 17 16 12
1 4 8 26 45 24
7 13 15 16 14 11
1 3 7 26 39 23
29 33 34 30 20 16
8 24 35 58 45 15
28 35 37 28 22 24
8 20 29 61 48 15
25 33 58 51 56 41
8 20 30 57 47 13
19 26 29 28 25 14
8 18 26 46 43 22
11 16 18 18 16 12
8 18 24 47 36 24
36 41 43 37 32 28
8 23 34 60 53 30
31 37 39 35 29 22
8 22 32 66 55 22
28 35 37 28 21 21
8 20 29 54 44 14
22 28 31 30 27 16
8 18 26 43 43 26
12 16 18 20 19 15
8 18 24 49 42 27
32 37 40 35 29 23
3 15 25 74 58 21
29 33 34 30 16 21
3 16 27 57 50 20
28 35 37 28 22 23
3 13 22 59 48 16
18 23 25 27 26 20
3 12 19 48 49 30
11 16 18 18 17 14
3 11 17 42 38 27
7 13 15 16 14 11
3 11 17 43 30 22
36 41 43 37 31 25
1 12 23 54 57 28
32 37 40 36 30 22
1 11 22 63 59 24
23 27 28 31 30 30
1 10 19 61 52 32
19 26 29 29 25 17
1 8 15 39 45 25
11 16 18 18 17 14
2 8 14 42 34 25
4 13 15 16 14 11
1 8 14 48 29 21
36 41 43 37 32 28
3 16 27 64 60 31
31 37 40 36 29 25
3 15 25 80 60 25
20 24 25 26 24 23
3 12 21 47 42 22
14 17 19 22 22 19
3 11 18 43 35 29
11 16 18 18 16 12
3 11 17 48 34 23
32 36 37 28 19 11
1 14 26 53 42 16
29 33 34 31 20 17
1 13 24 61 50 14
23 26 28 31 30 31
1 9 19 54 53 29
16 19 21 24 24 21
2 8 15 56 38 33
11 16 18 18 17 14
2 8 14 41 34 25
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
34 38 40 32 26 11
8 25 37 71 62 12
29 32 55 48 49 51
8 23 34 68 64 14
28 36 39 45 48 39
8 19 27 58 65 15
18 24 28 44 50 47
8 18 26 43 51 31
8 14 18 33 41 39
8 18 25 29 38 31
7 14 19 34 40 38
7 17 23 39 47 27
25 31 33 30 25 14
1 4 12 50 64 16
24 28 20 53 54 55
1 4 13 53 57 16
19 22 24 27 27 22
1 3 8 48 59 31
15 24 30 44 52 40
1 4 8 36 52 28
11 18 23 39 49 37
1 4 8 26 46 24
7 15 20 38 46 37
1 4 8 25 48 28
29 33 47 53 57 41
8 23 35 73 58 14
28 37 44 52 56 41
8 19 27 74 59 17
25 33 46 53 57 44
8 19 29 63 62 13
19 29 36 49 55 46
8 18 23 50 54 24
11 19 24 41 53 36
8 18 24 51 46 25
7 15 21 37 46 36
7 17 23 39 48 27
36 41 41 49 49 46
8 23 33 62 62 32
36 41 41 49 49 46
8 23 33 62 62 32
28 35 37 41 42 42
8 19 28 56 57 17
21 28 31 41 44 41
8 18 25 45 48 29
12 16 19 45 37 41
8 18 24 52 53 30
7 13 16 28 32 37
7 17 24 32 32 30
32 39 55 55 56 52
3 14 25 75 63 24
29 34 46 56 58 49
3 15 27 67 59 21
28 38 44 51 58 39
3 12 20 66 57 18
18 25 31 49 56 47
3 11 17 55 59 32
11 19 24 40 50 40
3 12 17 48 46 29
7 14 20 39 45 37
3 11 17 50 46 29
36 41 62 54 50 36
1 11 22 64 70 29
32 39 56 56 58 58
1 10 21 76 62 23
23 29 35 53 52 40
1 9 17 66 65 33
19 29 35 51 54 49
2 8 13 47 57 28
11 19 25 40 51 39
2 9 14 46 51 29
4 15 21 36 44 38
1 8 14 50 46 26
36 41 59 54 54 47
3 15 26 68 71 32
31 37 47 51 49 40
3 14 24 69 63 26
20 25 28 44 49 42
3 12 19 61 57 27
14 19 22 39 48 41
3 11 17 48 50 33
11 17 22 36 42 38
3 11 17 39 55 27
4 14 19 34 40 38
3 12 17 38 42 28
32 34 52 44 44 41
1 14 25 60 66 21
29 32 56 49 50 45
1 12 24 67 62 14
23 27 30 49 52 46
1 9 17 59 69 30
16 20 24 42 51 42
1 8 14 58 52 33
11 17 22 36 41 40
2 8 14 37 54 27
4 14 19 33 39 39
1 8 14 48 42 28
36 42 43 37 31 36
1 2 5 17 23 33
30 37 39 29 22 27
1 1 3 14 21 13
28 35 37 28 22 31
1 1 2 11 18 12
21 29 32 31 27 17
1 1 1
7 12 23
11 16 18 18 17 14
1 1 1
5 3
9
6 12 15 16 15 11
1 1 1
1 3
6
Attenuation
Code
A
B
C
D
E
F
G
H
I
Attenuation
Code
M1
M2
M3
M4
M5
M6
M7
M8
Current
Rating
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
"
This table applies to schematic 1M only.
Visit our website or contact PDI for other schematic attenuation numbers.
O
This table applies to schematic 1 only.
Visit our website or contact PDI for other schematic attenuation numbers.
O
"
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
Current
Rating
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
22
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com