Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC1190LP6GE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC1190LP6GE
Description  Wideband Radio Receivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1190LP6GE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC1190LP6GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 8Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC1190LP6GE
v01.1112
BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
w/ Fractional-N PLL & VCO, 0.7 - 3.5 GHz
Electrical Specifications, (Unless Otherwise Specified, the Following Test Conditions Were Used)
T
A = +25°C, IF Frequency = 150 MHz, LO Power is set to ’3’
[1]
, RF Input Power = -5 dBm,
LOVDD=3VRVDD=DVDD3V=CHIPEN= 3V, VDDCP=VCS1=VCS2=VBIASIF1=VBIASIF2=
LOBIAS1=LOBIAS2=VCC1=VCC2=VGATE1=VGATE2=5V, VGATE = 4.8V.
Parameter
Typical
Units
Mixer Core RF Input Frequency Range
700 - 3500
MHz
Mixer Core IF Output Frequency Range
50 - 350
MHz
RF=900 MHz[2]
RF=1900 MHz[3]
RF=2200 MHz [3]
RF=2700 MHz [3]
Conversion Gain
9.3 [5]
8.4 [5]
8.1 [5]
7.1 [5]
dB
IP3 (Input)
24.5
24
23.5
23.5
dBm
Noise Figure (SSB)
8.5
9.2
9.5
10
dB
1 dB Compression (Input)
10.7
11.4
11.2
12
dBm
LO leakage @ RF port
-67
-58
-59
-58
dBm
RF to IF Isolation
40
46
45
52
dB
Channel to Channel Isolation [4]
53
49
48
48
dBc
+2RF-2LO Response
68
67
70
72
dBc
+3RF-3LO Response
69
68
74
78
dBc
DC Power Supply Specifications
[1] LO Power Level can be adjusted using Reg 16h.
[2] High Side LO injection, VGATE1,2 = 5V
[3] Low Side LO injection, VGATE1,2 = 4.8V
[4] RF1 input power= -5 dBm, measurement taken from IF2 output. RF2 and IF1 ports are terminated with 50 Ohms.
[5] Balun losses at IF output ports are de-embedded.
Parameter
Min.
Typ.
Max.
Units.
5 V Supply Rails (VDDCP, VCS1, VCS2, VDDLS, VBIASIF1, VBIASIF2, LOBIAS1, LOBIAS2, VCC1,
VCC2, VGATE1, VGATE2)
+4.8
+5
+5.2
V
348 [1]
mA
3.3 V Supply Voltage (LOVDD, 3VRVDD, DVDD3V, VCCPD, VCCPS, VCCHF)
+3.1
+3.3
+3.5
V
198
mA
Mixer Core Supply Currents
when IF1EN and IF2EN are
Enabled
VDDIF (5 V)
160
mA
VCS1 + VCS2 (5 V)
3.3
4.2
mA
VBIASIF1 + VBIASIF2 (5 V)
24
28
mA
VGATE1 + VGATE2 (5 V)
8
9.2
mA
LOBIAS1 + LOBIAS2 (5 V)
4.6
5.6
mA
LOVDD (3.3 V)
140
148
mA
[1] LO Frequency=2400 MHz, LO_MIX Power and LO_OUT Power set to ‘3’, LO_MIX and LO_OUT is differential and LO_OUT is off. When LO_
OUT enabled in differential mode the bias current increases by 34 mA (Typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com