Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC1190LP6GE Datasheet(PDF) 21 Page - Hittite Microwave Corporation

Part # HMC1190LP6GE
Description  Wideband Radio Receivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1190LP6GE Datasheet(HTML) 21 Page - Hittite Microwave Corporation

Back Button HMC1190LP6GE Datasheet HTML 17Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 18Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 19Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 20Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 21Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 22Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 23Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 24Page - Hittite Microwave Corporation HMC1190LP6GE Datasheet HTML 25Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
21
HMC1190LP6GE
v01.1112
BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
w/ Fractional-N PLL & VCO, 0.7 - 3.5 GHz
Pin Descriptions
Pin Number
Function
Description
1
VDDCP
Power Supply for charge pump analog section.
2
BIAS
External bypass decoupling for precision bias circuits.
3,4
CP1,CP2
Charge Pump Outputs.
5
3VRVDD
Reference supply, 3.3 V nominal.
6
XREFP
Reference Input. DC bias is generated internally. Normally AC coupled externally.
7
DVDD3V
DC Power Supply for Digital (CMOS) Circuitry, 3.3 V nominal.
8,23
VCS1, VCS2
Bias control pins for IF amplifiers. Connect to 5V supply through 590 Ohms resistors. Refer to
application section for proper values of resistors to adjust IF amplifier current.
9,10,21,22
IF1_N, IF1_P,
IF2_P, IF1_N
Differential IF outputs. Connect to 5V supply through choke inductors. See application circuit.
11, 20
VBIASIF1, VBIASIF2
Supply voltage pin for IF amplifier’s bias circuits.
Connect to 5V supply through filtering.
12, 19
VGATE1, VGAET2
Bias pins for mixer cores. Set from 4.7V to 5.0V for operating frequency band.
13, 18
RF1, RF2
RF input pins of the mixer, internally matched to 50 Ohms. RF input pins require off chip DC
blocking capacitors. See application circuit.
14, 17
LO_BIAS2,
LO_BIAS1
Bias control pins for LO Amplifiers. Connect to 5V supply through 270 Ohms resistors. Refer to
application section for proper values of resistors to adjust LO amplifier current.
15,24
RSV
Reserved for internal use.Should be left floating.
16
LOVDD
3V bias supply for LO Drive stages. Refer to application circuit for appropriate filtering and bias
generation information.
25
CHIP_EN
Chip Enable. Connect to logic high for normal operation.
26
LON
Negative LO output used for single-ended, differential, or dual output mode.
27
LOP
Positive LO output used for differential or dual outputs only. While it can drive a separate load from
LO_N, it cannot be used when LO_N is disabled.
28
VCC1
VCO Analog supply1, 5.0V nominal.
29
VCC2
VCO Analog Supply 2, 5.0V nominal.
30
VTUNE
VCO Varactor. Tuning Port Input.
31
SEN
PLL Serial Port Enable (CMOS) Logic Input.
32
SDI
PLL Serial Port Data (CMOS) Logic Input.
33
SCK
PLL Serial Port Clock (CMOS) Logic Input.
34
LD/SDO
Lock Detect, or Serial Data, or General Purpose (CMOS) Logic Output (GPO).
35
EXT_VC0_N
External VCO negative input
36
EXT_VCO_P
External VCO positive input.
37
VCCHF
Analog supply, 3.3 V nominal
38
VCCPS
Analog supply, Prescaler, 3.3 V nominal
39
VCCPD
Analog supply, Phase Detector, 3.3 V nominal
40
VDDLS
Analog supply, Charge Pump, 5.0 V nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com