Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DAC16 Datasheet(PDF) 1 Page - Analog Devices

Part # DAC16
Description  16-Bit High Speed Current-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC16 Datasheet(HTML) 1 Page - Analog Devices

  DAC16 Datasheet HTML 1Page - Analog Devices DAC16 Datasheet HTML 2Page - Analog Devices DAC16 Datasheet HTML 3Page - Analog Devices DAC16 Datasheet HTML 4Page - Analog Devices DAC16 Datasheet HTML 5Page - Analog Devices DAC16 Datasheet HTML 6Page - Analog Devices DAC16 Datasheet HTML 7Page - Analog Devices DAC16 Datasheet HTML 8Page - Analog Devices DAC16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
16-Bit High Speed
Current-Output DAC
DAC16
FUNCTIONAL BLOCK DIAGRAM
BUFFER
DAC
CCOMP
IOUT
DB0 (LSB)
DB15 (MSB)
DAC16
IREF
REF GND
VCC
AGND
VEE
DGND
GENERAL DESCRIPTION
The DAC16 is a 16-bit high speed current-output digital-to-
analog converter with a settling time of 500 ns. A unique com-
bination of low distortion, high signal-to-noise ratio, and high
speed make the DAC16 ideally suited to performing waveform
synthesis and modulation in communications, instrumentation,
and ATE systems. Input reference current is buffered, with full-
scale output current of 5 mA. The 16-bit parallel digital input
bus is TTL/CMOS compatible. Operating from +5 V and
–15 V supplies, the DAC16 consumes 190 mW (typ) and is
available in a 24-lead epoxy DIP, epoxy surface-mount small
outline (SOL), and in die form.
FEATURES
1 LSB Differential Linearity (max)
Guaranteed Monotonic Over Temperature Range
2 LSB Integral Linearity (max)
500 ns Settling Time
5 mA Full-Scale Output
TTL/CMOS Compatible
Low Power: 190 mW (typ)
Available in Die Form
APPLICATIONS
Communications
ATE
Data Acquisition Systems
High Resolution Displays
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
SETTLING TIME – ns
0.1
0.01
0.001
0
100
200
300
400
500
600
700
800
VLOGIC = 0V
TURNING ON
VLOGIC = +5V
TURNING OFF
IFS = 4mA
TA = 25 C
Figure 1. DAC16 Settling Time Accuracy vs. Percent of
Full Scale


Similar Part No. - DAC16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600JP-V BURR-BROWN-DAC1600JP-V Datasheet
250Kb / 6P
MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600KP-V BURR-BROWN-DAC1600KP-V Datasheet
250Kb / 6P
MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results

Similar Description - DAC16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5018 MAXIM-MAX5018 Datasheet
142Kb / 12P
8-Bit, High-Speed DAC
Rev 0; 3/97
logo
Analog Devices
AD5543 AD-AD5543 Datasheet
259Kb / 12P
Current Output/ Serial Input, 16-/14-Bit DAC
2/03-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
MAX5548 MAXIM-MAX5548 Datasheet
296Kb / 15P
Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD7846 AD-AD7846 Datasheet
616Kb / 16P
16-Bit Voltage Output DAC
REV. E
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
LC2MOS 16-Bit Voltage Output DAC
Rev. G
DAC16 AD-DAC16_15 Datasheet
629Kb / 12P
16-Bit High Speed Current-Output DAC
REV. B
AD5758 AD-AD5758 Datasheet
2Mb / 72P
Single-Channel, 16-Bit Current and Voltage Output DAC
5/2018-Revision 0
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
ADFS5758 AD-ADFS5758 Datasheet
2Mb / 75P
Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com