Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DAC16 Datasheet(PDF) 2 Page - Analog Devices

Part # DAC16
Description  16-Bit High Speed Current-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC16 Datasheet(HTML) 2 Page - Analog Devices

  DAC16 Datasheet HTML 1Page - Analog Devices DAC16 Datasheet HTML 2Page - Analog Devices DAC16 Datasheet HTML 3Page - Analog Devices DAC16 Datasheet HTML 4Page - Analog Devices DAC16 Datasheet HTML 5Page - Analog Devices DAC16 Datasheet HTML 6Page - Analog Devices DAC16 Datasheet HTML 7Page - Analog Devices DAC16 Datasheet HTML 8Page - Analog Devices DAC16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DAC16–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Integral Linearity “G”
INL
TA = +25°C–2
±1.2
+2
LSB
Integral Linearity “G”
INL
–4
±1.6
+4
LSB
Differential Linearity “G”
DNL
TA = +25°C–1
±0.5
+1
LSB
Differential Linearity “G”
DNL
–1
±0.7
+1.5
LSB
Integral Linearity “F”
INL
TA = +25°C–4
±1.4
+4
LSB
Integral Linearity “F”
INL
–6
±2
+6
LSB
Differential Linearity “F”
DNL
TA = +25°C–1
±0.5
+1.5
LSB
Differential Linearity “F”
DNL
–1.5
±0.6
+2
LSB
Zero Scale Error
ZSE
1
LSB
Zero Scale Drift
TCZSE
0.025
ppm/
°C
Gain Error
GE
±0.225
% FS
Gain Drift
TCGE
5
ppm/
°C
REFERENCE2
Reference Input Current
IREF
Note 2
350
625
µA
OUTPUT CHARACTERISTICS
Output Current
IOUT
Note 2
2.8
5.0
mA
Output Capacitance
COUT
10
pF
Settling Time
tS
0.003% of Full Scale
500
ns
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
TA = +25°C
2.4
V
Logic Input Low Voltage
VINL
TA = +25°C
0.8
V
Logic Input Current
IINH
VIN = 5.0 V, DB0–DB10
7.5
µA
Logic Input Current
IINH
VIN = 5.0 V, DB11–DB15
100
µA
Logic Input Current
IINL
VIN = 0 V, DB0–DB15
1
µA
Input Capacitance
CIN
8pF
SUPPLY CHARACTERISTICS
Power Supply Sensitivity
PSS
VCC = 4.5 V to 5.5 V, VEE = –13 V to –17 V
20
ppm/V
Positive Supply Current
ICC
All Bits HIGH
15
22
mA
Positive Supply Current
ICC
All Bits LOW
6
7.5
mA
Negative Supply Current
IEE
7.5
10
mA
Power Dissipation
PDISS
188
260
mW
NOTES
1All supplies can be varied
± 5% and operation is guaranteed. Device is tested with nominal supplies.
2Operation is guaranteed over this reference range, but linearity is neither tested not guaranteed (see Figures 7 and 8).
Specifications subject to change without notice.
WAFER TEST LIMITS
DAC16G
Parameter
Symbol
Conditions
Limit
Units
Integral Nonlinearity
INL
±3
LSB max
Differential Nonlinearity
DNL
±1
LSB max
Zero Scale Error
ZSE
±1
LSB max
Gain Error
GE
±12
% FS max
Logic Input High Voltage
VINH
2.4
V min
Logic Input Low Voltage
VINL
0.8
V max
Logic Input Current
IIN
75
µA max
Positive Supply Current
ICC
20
mA max
Negative Supply Current
IEE
10
mA max
Power Dissipation
PDISS
250
mW max
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
REV. B
–2–
(@ VCC = +5.0 V, VEE = –15.0 V, IREF = 0.5 mA, CCOMP = 47 F, TA = Full Operating Tem-
perature Range unless otherwise noted. See Note 1 for supply variations.)
(@ VCC = +5.0 V, VEE = –15.0 V, IREF = 0.5 mA, CCOMP = 47 F, TA = +25 C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com