Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSD18504KCS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18504KCS
Description  40-V, N-Channel NexFET Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18504KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD18504KCS Datasheet HTML 1Page - Texas Instruments CSD18504KCS Datasheet HTML 2Page - Texas Instruments CSD18504KCS Datasheet HTML 3Page - Texas Instruments CSD18504KCS Datasheet HTML 4Page - Texas Instruments CSD18504KCS Datasheet HTML 5Page - Texas Instruments CSD18504KCS Datasheet HTML 6Page - Texas Instruments CSD18504KCS Datasheet HTML 7Page - Texas Instruments CSD18504KCS Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 40A
TC = 125ºC Id = 40A
G001
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
Qg - Gate Charge (nC)
ID = 40A
VDS = 20V
G001
CSD18504KCS
www.ti.com
SLPS365 – OCTOBER 2012
40-V, N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD18504KCS
1
FEATURES
PRODUCT SUMMARY
2
Ultra Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain to Source Voltage
40
V
Avalanche Rated
Qg
Gate Charge Total (10V)
19
nC
Qgd
Gate Charge Gate to Drain
3.5
nC
Logic Level
VGS = 4.5V
8.0
m
Pb Free Terminal Plating
RDS(on)
Drain to Source On Resistance
VGS = 10V
5.5
m
RoHS Compliant
VGS(th)
Threshold Voltage
1.9
V
Halogen Free
TO-220 Plastic Package
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
APPLICATIONS
TO-220 Plastic
CSD18504KCS
Tube
50
Tube
Package
DC-DC Conversion
Secondary Side Synchronous Rectifier
ABSOLUTE MAXIMUM RATINGS
Motor Control
TA = 25°C
VALUE
UNIT
VDS
Drain to Source Voltage
40
V
DESCRIPTION
VGS
Gate to Source Voltage
±20
V
The NexFET™ power MOSFET has been designed
Continuous Drain Current (Package limited),
100
to minimize losses in power conversion applications.
TC = 25°C
Continuous Drain Current (Silicon limited),
ID
85
A
TC = 25°C
Continuous Drain Current (Silicon limited),
53
TC = 100°C
IDM
Pulsed Drain Current (1)
133
A
PD
Power Dissipation
93
W
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
88
mJ
ID = 42A, L = 0.1mH, RG = 25Ω
(1) Pulse duration
≤300μs, duty cycle ≤2%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD18504KCS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD18504KCS ISC-CSD18504KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18504KCS TI2-CSD18504KCS Datasheet
1,013Kb / 13P
CSD18504KCS 40V N-Channel NexFET™ Power MOSFET
REVISED MARCH 2024
CSD18504KCS.B TI2-CSD18504KCS.B Datasheet
1,013Kb / 13P
CSD18504KCS 40V N-Channel NexFET™ Power MOSFET
REVISED MARCH 2024
More results

Similar Description - CSD18504KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
25-V N-Channel NexFET Power MOSFETs
CSD18502KCS TI-CSD18502KCS Datasheet
906Kb / 9P
40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
40-V, N-Channel NexFET Power MOSFETs
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
40-V, N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
60-V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
764Kb / 10P
80 V N-Channel NexFET??Power MOSFETs
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
100 V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com