Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSD18504KCS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18504KCS
Description  40-V, N-Channel NexFET Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18504KCS Datasheet(HTML) 2 Page - Texas Instruments

  CSD18504KCS Datasheet HTML 1Page - Texas Instruments CSD18504KCS Datasheet HTML 2Page - Texas Instruments CSD18504KCS Datasheet HTML 3Page - Texas Instruments CSD18504KCS Datasheet HTML 4Page - Texas Instruments CSD18504KCS Datasheet HTML 5Page - Texas Instruments CSD18504KCS Datasheet HTML 6Page - Texas Instruments CSD18504KCS Datasheet HTML 7Page - Texas Instruments CSD18504KCS Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CSD18504KCS
SLPS365 – OCTOBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = 250μA
40
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 32V
1
μA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250μA
1.5
1.9
2.3
V
VGS = 4.5V, ID = 40A
8.0
10.0
m
RDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 40A
5.5
7.0
m
gfs
Transconductance
VDS = 20V, ID = 40A
72
S
Dynamic Characteristics
Ciss
Input Capacitance
1380
1800
pF
Coss
Output Capacitance
VGS = 0V, VDS = 20V, f = 1MHz
320
416
pF
Crss
Reverse Transfer Capacitance
8.0
10.4
pF
RG
Series Gate Resistance
1.5
3.0
Qg
Gate Charge Total (4.5V)
9.2
12.0
nC
Qg
Gate Charge Total (10V)
19
25
nC
Qgd
Gate Charge Gate to Drain
VDS = 20V, ID = 40A
3.5
nC
Qgs
Gate Charge Gate to Source
4.4
nC
Qg(th)
Gate Charge at Vth
3.0
nC
Qoss
Output Charge
VDS = 20V, VGS = 0V
19
nC
td(on)
Turn On Delay Time
4.4
ns
tr
Rise Time
5.2
ns
VDS = 20V, VGS = 10V,
IDS = 40A, RG = 0Ω
td(off)
Turn Off Delay Time
11.2
ns
tf
Fall Time
4.2
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 40A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
46
nC
VDS= 20V, IF = 40A,
di/dt = 300A/
μs
trr
Reverse Recovery Time
33
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case
1.4
°C/W
RθJA
Thermal Resistance Junction to Ambient
62
°C/W
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CSD18504KCS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com