Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TRCV012G5 Datasheet(PDF) 21 Page - Agere Systems

Part # TRCV012G5
Description  TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TRCV012G5 Datasheet(HTML) 21 Page - Agere Systems

Back Button TRCV012G5 Datasheet HTML 17Page - Agere Systems TRCV012G5 Datasheet HTML 18Page - Agere Systems TRCV012G5 Datasheet HTML 19Page - Agere Systems TRCV012G5 Datasheet HTML 20Page - Agere Systems TRCV012G5 Datasheet HTML 21Page - Agere Systems TRCV012G5 Datasheet HTML 22Page - Agere Systems TRCV012G5 Datasheet HTML 23Page - Agere Systems TRCV012G5 Datasheet HTML 24Page - Agere Systems TRCV012G5 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Preliminary Data Sheet
TRCV012G5 and TRCV012G7
August 2000
Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
21
Lucent Technologies Inc.
Electrical Characteristics (continued)
LVPECL, CMOS, CML Input and Output Pins
Notes:
1. For Table 11 through Table 18, VCC = 3.3 V ± 5%, TA = –40 °C to +85 °C; these tables apply to both MBIC 025
BiCMOS and MBIC 025 SiGe BiCMOS technologies.
2. For more information on interpreting CML specifications, see the CML Output Structure (Used on Pins
D2G5P/N, CK2G5P/N) section on page 18.
Table 11. LVPECL Input Pin Characteristics
Table 12. LVPECL Output Pin Characteristics
Table 13. CMOS Input Pin Characteristics
Table 14. Open Drain Output Pin Characteristics
Applicable
Pins
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
REFCLKP/N
VIH
Input Voltage High
Referred to VCC
–1165
–880
mV
VIL
Input Voltage Low
Referred to VCC
–1810
–1475
mV
IIH
Input Current High Leakage
VIN = VIH (max)
20
µA
IIL
Input Current Low Leakage
VIN = VIL (min)
5
µA
Applicable
Pins
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
D[15:0]P/N,
PARITYP/N,
CK155P/N
VOH
Output Voltage High
Load = 50
connected to
VCC – 2.0 V
VCC – 1.31
VCC – 1.20
VCC – 0.90
V
VOL
Output Voltage Low
Load = 50
connected to
VCC – 2.0 V
VCC – 1.95
VCC – 1.88
VCC – 1.80
V
Applicable
Pins
Symbol
Parameter
Conditions
Min
Max
Unit
END2G5N,
ENCK2G5N,
RESETN,
ENDATAN,
ENDATCKN,
REFSELN,
MUTEDMXN,
PDDMXN,
MUTE155N,
MUTE2G5N
VIH
Input Voltage High
VCC – 1.0
VCC
V
VIL
Input Voltage Low
GND
1.0
V
IIH
Input Current High Leakage
VIN = VCC
—10
µA
IIL
Input Current Low Leakage
VIN = GND
–225
µA
AST[4:0]
IIH
Input Current High Leakage
VIN = VCC
—225
µA
IIL
Input Current Low Leakage
VIN = GND
–10
µA
Applicable
Pins
Symbol
Parameter
Conditions
Min
Max
Unit
LOSAN,
LOSDN
VOH
Output Voltage High
RL
≥ 5 kΩ
VCC – 0.5
VCC
V
VOL
Output Voltage Low
RL
≥ 5 kΩ
GND
0.5
V
Cl
Output Load Capacitance
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com