Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6482 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 20Page - STMicroelectronics L6482 Datasheet HTML 21Page - STMicroelectronics L6482 Datasheet HTML 22Page - STMicroelectronics L6482 Datasheet HTML 23Page - STMicroelectronics L6482 Datasheet HTML 24Page - STMicroelectronics L6482 Datasheet HTML 25Page - STMicroelectronics L6482 Datasheet HTML 26Page - STMicroelectronics L6482 Datasheet HTML 27Page - STMicroelectronics L6482 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
Functional description
L6482
24/73
Doc ID 023768 Rev 2
performing the minimum path (minimum physical distance) or forcing a direction (see
Figure 10).
Performed motor motion is compliant to programmed speed profile boundaries
(acceleration, deceleration, minimum and maximum speed).
Note that with some speed profiles or positioning commands, the deceleration phase can
start before the maximum speed is reached.
Figure 10.
Positioning command examples
6.7.3
Motion commands
Motion commands produce a motion in order to perform a user-defined number of
microsteps in a user-defined direction that are sent to the device together with the command
(see Figure 11).
Performed motor motion is compliant to programmed speed profile boundaries
(acceleration, deceleration, minimum and maximum speed).
Note that with some speed profiles or motion commands, the deceleration phase can start
before the maximum speed is reached.
Figure 11.
Motion command examples
AM15040v1
Forward
direction
0
-2
21
+2
21-1
0
-2
21
+2
21-1
Present
position
Target
position
Present
position
Target
position
GoTo(Target pos)
GoTo_DIR(Target pos,FW)
programmed
ACCELERATION
SPEED
programmed
maximum
speed
programmed
minimum
speed
time
programmed
DECELERATION
programmed number of microsteps
programmed
ACCELERATION
SPEED
programmed
maximum
speed
programmed
minimum
speed
time
programmed
DECELERATION
programmed number of microsteps
Note: with some
Acceleration/Decelaration profiles
the programmed maximum speed
is never reached
AM15041v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com