Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F103RG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F103RG
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F103RG Datasheet HTML 6Page - STMicroelectronics STM32F103RG Datasheet HTML 7Page - STMicroelectronics STM32F103RG Datasheet HTML 8Page - STMicroelectronics STM32F103RG Datasheet HTML 9Page - STMicroelectronics STM32F103RG Datasheet HTML 10Page - STMicroelectronics STM32F103RG Datasheet HTML 11Page - STMicroelectronics STM32F103RG Datasheet HTML 12Page - STMicroelectronics STM32F103RG Datasheet HTML 13Page - STMicroelectronics STM32F103RG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
Description
STM32F103xF, STM32F103xG
10/120
Doc ID 16554 Rev 3
2
Description
The STM32F103xF and STM32F103xG performance line family incorporates the high-
performance ARM® Cortex™-M3 32-bit RISC core operating at a 72 MHz frequency, high-
speed embedded memories (Flash memory up to 1 Mbyte and SRAM up to 96 Kbytes), and
an extensive range of enhanced I/Os and peripherals connected to two APB buses. All
devices offer three 12-bit ADCs, ten general-purpose 16-bit timers plus two PWM timers, as
well as standard and advanced communication interfaces: up to two I2Cs, three SPIs, two
I2Ss, one SDIO, five USARTs, an USB and a CAN.
The STM32F103xx XL-density performance line family operates in the –40 to +105 °C
temperature range, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving
mode allows the design of low-power applications.
These features make the STM32F103xx high-density performance line microcontroller
family suitable for a wide range of applications such as motor drives, application control,
medical and handheld equipment, PC and gaming peripherals, GPS platforms, industrial
applications, PLCs, inverters, printers, scanners, alarm systems and video intercom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com