Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F103RG Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32F103RG
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RG Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32F103RG Datasheet HTML 47Page - STMicroelectronics STM32F103RG Datasheet HTML 48Page - STMicroelectronics STM32F103RG Datasheet HTML 49Page - STMicroelectronics STM32F103RG Datasheet HTML 50Page - STMicroelectronics STM32F103RG Datasheet HTML 51Page - STMicroelectronics STM32F103RG Datasheet HTML 52Page - STMicroelectronics STM32F103RG Datasheet HTML 53Page - STMicroelectronics STM32F103RG Datasheet HTML 54Page - STMicroelectronics STM32F103RG Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 120 page
background image
STM32F103xF, STM32F103xG
Electrical characteristics
Doc ID 16554 Rev 3
51/120
Table 19.
Typical current consumption in Sleep mode, code running from Flash or
RAM
Symbol
Parameter
Conditions
fHCLK
Typ(1)
1.
Typical values are measures at TA = 25 °C, VDD = 3.3 V.
Unit
All peripherals
enabled(2)
2.
Add an additional power consumption of 0.8 mA per ADC for the analog part. In applications, this
consumption occurs only while the ADC is on (ADON bit is set in the ADC_CR2 register).
All peripherals
disabled
IDD
Supply
current in
Sleep mode
External clock(3)
3.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
72 MHz
32.5
7
mA
48 MHz
23
5
36 MHz
17.7
4
24 MHz
12.2
3.1
16 MHz
8.4
2.3
8 MHz
4.6
1.5
4 MHz
3
1.3
2 MHz
2.15
1.25
1 MHz
1.7
1.2
500 kHz
1.5
1.15
125 kHz
1.35
1.15
Running on high
speed internal RC
(HSI), AHB prescaler
used to reduce the
frequency
64 MHz
28.7
5.7
48 MHz
22
4.4
36 MHz
17
3.35
24 MHz
11.6
2.3
16 MHz
7.7
1.6
8 MHz
3.9
0.8
4 MHz
2.3
0.7
2 MHz
1.5
0.6
1 MHz
1.1
0.5
500 kHz
0.9
0.5
125 kHz
0.7
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com