Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR6212 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR6212
Description  1.28 Watt Audio Power Amplifier Ultra low shutdown current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6212 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR6212 Datasheet HTML 1Page - Leshan Radio Company LR6212 Datasheet HTML 2Page - Leshan Radio Company LR6212 Datasheet HTML 3Page - Leshan Radio Company LR6212 Datasheet HTML 4Page - Leshan Radio Company LR6212 Datasheet HTML 5Page - Leshan Radio Company LR6212 Datasheet HTML 6Page - Leshan Radio Company LR6212 Datasheet HTML 7Page - Leshan Radio Company LR6212 Datasheet HTML 8Page - Leshan Radio Company LR6212 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Diagrams
Pin Description
No.
Pin Name
I/O
Description
1
I
Shout-down Logical Control, ‘0’ is active.
2
BP
I/O
Analog ground for inner OPAs. It’s about a half of VDD.
3
INP
I
Positive Input
4
INN
I
Negative Input
5
Vout1
O
Negative BTL Output
6
VDD
I/O
Power Supply (2.2 – 5.5 V)
7
GND
I/O
Ground
8
Vout2
O
Positive BTL Output
Leshan Radio Co ., Ltd
2/10
BAG-LR62129-BUMP ROHS
Y - Year Code
WK - Week Code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com