Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR6212 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR6212
Description  1.28 Watt Audio Power Amplifier Ultra low shutdown current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6212 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR6212 Datasheet HTML 1Page - Leshan Radio Company LR6212 Datasheet HTML 2Page - Leshan Radio Company LR6212 Datasheet HTML 3Page - Leshan Radio Company LR6212 Datasheet HTML 4Page - Leshan Radio Company LR6212 Datasheet HTML 5Page - Leshan Radio Company LR6212 Datasheet HTML 6Page - Leshan Radio Company LR6212 Datasheet HTML 7Page - Leshan Radio Company LR6212 Datasheet HTML 8Page - Leshan Radio Company LR6212 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.28 Watt Audio Power Amplifier
Features
Improved PSRR at 217 Hz & 1 KHz
62 dB
Power output at 5.0V, 1% THD+N, 8Ω
1.28 W (typ.)
Power output at 3.0V, 1% THD+N, 8Ω
440 mW (typ.)
Ultra low shutdown current
0.1 uA (typ.)
2.2V – 5.5V operation
Improved circuitry eliminates pop-click noise during turn-on and turn-off transitions
No output coupling capacitors, snubber networks or bootstrap capacitors required
Unity-gain stable
External gain configuration capability
Available in space-saving packages: MSOP8, 9-BUMP WLCSP
General Description
The LR6212 is a Class-AB audio power amplifier designed for mobile phones and other portable
communication devices. It is capable of delivering 1.28 watts of continuous average power to an
8Ω BTL load with less than 1% distortion (THD+N) from a 5VDC power supply.
The LR6212 was designed specifically to provide high quality output power with a minimal
amount of external components. It does not require output coupling capacitors or bootstrap
capacitors. And with ultra low shutdown current, the LR6212 is ideally suited for mobile phone
and other low voltage applications where minimal power consumption is a primary requirement.
With special pop-click eliminating circuit, the LR6212 provides perfect pop-click characteristic
during turn-on and turn-off transitions.
The LR6212 is unity-gain stable and can be configured by external gain-setting resistors.
Applications
Wireless handsets
Portable electronic devices
PDAs, Handheld computers
LR6212
Leshan Radio Co ., Ltd
1/10


Similar Part No. - LR6212

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR621 SEOUL-LR621 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR621 SEOUL-LR621 Datasheet
360Kb / 13P
CYAN LAMP LED
LR621 SEOUL-LR621 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR621 SEOUL-LR621 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR621 SEOUL-LR621 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LR6212

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
Texas Instruments
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com