Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP4306 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP4306
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4306 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP4306 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4306
Data Sheet
1
Sep. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
General Description
The AP4306 is a highly integrated solution for a con-
stant voltage/constant current mode SMPS application.
The AP4306 contains one 1.21V voltage reference,
one low voltage reference used in current sensing cir-
cuit and two operational amplifiers. The 1.21V voltage
reference, combined with one operational amplifier,
makes of an ideal voltage controller for use in adapters
and battery chargers. The low voltage reference, com-
bined with another operational amplifier, makes of an
ideal current limiter for output low side current sens-
ing.
The AP4306 is fully compatible with AP4305 in
functionality and electrical characteristics except its
lower reference voltage for current control loop, thus
higher power efficiency in SMPS applications such as
low power charger can be realized with AP4306
compared to AP4305.
The AP4306 is available in SOT-23-6 package.
Features
·
Constant Voltage and Constant Current Control
·
Precision Internal Voltage Reference
·
Low External Component Count
·
Easy Compensation
·
Low Supply Current: 0.5mA
·
Current Control Loop Reference
A Version: 70mV
B Version: 100mV
C Version: 150mV
·
Operating Temperature Range: -40 to 105oC
·
Operating Supply Voltage: 2.5V to 18V
Applications
·
Adapters
·
Battery Chargers
Figure 1. Package Type of AP4306
SOT-23-6


Similar Part No. - AP4306

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306AKTR-E1 DIODES-AP4306AKTR-E1 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306AKTR-G1 DIODES-AP4306AKTR-G1 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306BKTR-E1 DIODES-AP4306BKTR-E1 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306BKTR-G1 DIODES-AP4306BKTR-G1 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results

Similar Description - AP4306

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
BCD Semiconductor Manuf...
AP4305 BCDSEMI-AP4305_10 Datasheet
693Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com