Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP4306 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP4306
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4306 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP4306 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4306
Data Sheet
3
Sep. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Functional Block Diagram
Figure 3. Functional Block Diagram of AP4306
VCC
VOUT
GND
VSENSE
ICTRL
Circuit Type
Package
K: SOT-23-6
E1: Lead Free
AP4306
-
TR: Tape and Reel
Ordering Information
VCTRL
Package
Version
Part Number
Marking ID
Packing
Type
Lead Free
Green
Lead Free
Green
SOT-23-6
70mV VSENSE
AP4306AKTR-E1
AP4306AKTR-G1
E7L
G7L
Tape & Reel
100mV VSENSE
AP4306BKTR-E1
AP4306BKTR-G1
E7M
G7M
Tape & Reel
150mV VSENSE
AP4306CKTR-E1
AP4306CKTR-G1
E7N
G7N
Tape & Reel
Version
B: 100mV VSENSE
C: 150mV VSENSE
4
5
2
1
3
6
1.210V
For A, B, C Versions
A: 70mV VSENSE
G1: Green
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com