Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS473 Datasheet(PDF) 52 Page - Microchip Technology

Part # HCS473
Description  KEELOQ짰 3-Axis Transcoder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473 Datasheet(HTML) 52 Page - Microchip Technology

Back Button HCS473_13 Datasheet HTML 48Page - Microchip Technology HCS473_13 Datasheet HTML 49Page - Microchip Technology HCS473_13 Datasheet HTML 50Page - Microchip Technology HCS473_13 Datasheet HTML 51Page - Microchip Technology HCS473_13 Datasheet HTML 52Page - Microchip Technology HCS473_13 Datasheet HTML 53Page - Microchip Technology HCS473_13 Datasheet HTML 54Page - Microchip Technology HCS473_13 Datasheet HTML 55Page - Microchip Technology HCS473_13 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
HCS473
DS40035D-page 52
Preliminary
 2000-2013 Microchip Technology Inc.
TABLE 7-3:
AC CHARACTERISTICS, FOSC = 4 MHz(1)
AC Characteristics
FOSC = 4 MHz
(1)
The min and max values below are due to HCS473 algorithm tolerances,
not variations due to supply voltage and temperature.
Symbol
Min
Typ
Max
Description
General HCS473 Timing
TDB
10 ms
Debounce Time
TQUE
2s
Que Window
TPU
10.9 ms
Power-up Delay Time (includes button debounce)
TPLL
19 ms
Encoder Mode PLL activation to first code word
TLEDON
100 ms
LED ON Time
TLEDOFF
500 ms
LED OFF Time
Communication from Transponder Reader to HCS473
TCMD
1LFTE+100
s
10.2 ms
TTSCMD
1LFTE+100
s
10.2 ms
Delay from Transponder Select ACK to next command
TFINH
100
s
1LFTE
Time to leave LF on after last data bit’s rising edge
Response from HCS473 to Transponder Reader
TSF
1ms+1LFTE
3.5ms+1LFTE
10ms+1LFTE
Delay to wake-up Acknowledge sequence
TTSACK
1LFTE+16
s
1LFTE-11
s
1LFTE+30
s
1 LFTE
1LFTE+44
s
1LFTE+11
s
Delay from TID pulse rising edge to TID Acknowledge
TID = 0
TID > 0
TTPACK
157
s
179
s
212
s
Delay to Transport Code Acknowledge
TWRT
4 ms
10 ms
Delay to Write Acknowledge
TAOACK
67
s
89
s
122
s
Delay to anticollision off Acknowledge
TIFF
5.64ms
Delay to IFF response - RF or LF response
TREAD
205
s
227
s
260
s
Delay to read response - RF or LF response
THOP
19 ms
Delay to hopping code response - RF or LF response
TDAMP
—1.2 LFTE
Delay from detecting LC rising edge to first damp pulse
TDEMOD
16.4 ms
Demodulator mode window looking for edge on LC pin
Timing Element TE
TE
90
180
360
720
100
200
400
800
110
220
440
880
RFTE or LFTE
RFBSL = LFBSL = 002
RFBSL = LFBSL = 012
RFBSL = LFBSL = 102
RFBSL = LFBSL = 112
Analog delays
TFILTR
15
s
HCS473 analog LF filter charge time
TFILTF
70
s
HCS473 analog LF filter discharge time
TANTR
Hardware design dependent
Cumulative LF antenna delay when field is turned on
TANTF
Hardware design dependent
Cumulative LF antenna delay when field is turned off
Note
1: FOSC = 4 MHz may be centered at the designer’s choice of supply voltage (VDD) and temperature.
2: LFTE is based on the HCS473’s timing, not the timing of the transponder reader. Therefore LFTE is subject to HCS473
oscillator variation.
3: Response timing accounts for TFILTR but not for TANTR or TANTF, as they are design dependent. The system designer
must compensate communication accordingly for TANTR and TANTF.
4: Timing parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com