Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

145N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 145N65M5
Description  N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

145N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  145N65M5 Datasheet HTML 1Page - STMicroelectronics 145N65M5 Datasheet HTML 2Page - STMicroelectronics 145N65M5 Datasheet HTML 3Page - STMicroelectronics 145N65M5 Datasheet HTML 4Page - STMicroelectronics 145N65M5 Datasheet HTML 5Page - STMicroelectronics 145N65M5 Datasheet HTML 6Page - STMicroelectronics 145N65M5 Datasheet HTML 7Page - STMicroelectronics 145N65M5 Datasheet HTML 8Page - STMicroelectronics 145N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2013
Doc ID 023718 Rev 2
1/13
13
STY145N65M5
N-channel 650 V, 0.012
Ω typ., 138 A, MDmesh™ V
Power MOSFET in Max247 package
Datasheet — preliminary data
Features
■ Max247 worldwide best RDS(on)
■ Higher VDSS rating
■ Higher dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
Applications
■ Switching applications
Description
The device is an N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order code
VDSS
@TJmax
RDS(on) max
ID
STY145N65M5
710 V
< 0.015
Ω
138 A
1
2
3
Max247
Table 1.
Device summary
Order code
Marking
Package
Packaging
STY145N65M5
145N65M5
Max247
Tube
www.st.com


Similar Part No. - 145N65M5

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
145N MILL-MAX-145N Datasheet
94Kb / 1P
PIN RECEPTACLES for .022??- .032??diameter pins
logo
Hammond Manufacturing L...
145N HAMMOND-145N Datasheet
376Kb / 2P
LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
logo
Wuxi Unigroup Microelec...
145N08A WUMC-145N08A Datasheet
910Kb / 11P
85V N-Channel Trench MOSFET(Preliminary)
V1.0
More results

Similar Description - 145N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW57N65M5-4 STMICROELECTRONICS-STW57N65M5-4 Datasheet
1Mb / 14P
N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
17-Apr-2013
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
25-Jan-2013
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
N-channel 650 V, 0.014 Ω typ., 130 A, MDmesh™V Power MOSFET in Max247 package
24-Jan-2013
STY112N65M5 STMICROELECTRONICS-STY112N65M5 Datasheet
856Kb / 12P
N-channel 650 V, 0.019 Ω, 96 A, MDmesh™V Power MOSFET in Max247 package
03-May-2012
STF40N65M2 STMICROELECTRONICS-STF40N65M2 Datasheet
441Kb / 13P
N-channel 650 V, 0.087 Ω typ., 32 A MDmesh™ M2 Power MOSFET in a TO-220FP package
09-Feb-2014
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
N-channel 650 V, 0.058 Ω typ., 48 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Sep-2015
STE139N65M5 STMICROELECTRONICS-STE139N65M5 Datasheet
1,021Kb / 13P
N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
13-Aug-2013
STFI20NM65N STMICROELECTRONICS-STFI20NM65N Datasheet
783Kb / 12P
N-channel 650 V, 15 A, 0.250 Ω typ., MDmesh™II Power MOSFET in a I²PAKFP package
20-Dec-2013
STL45N65M5 STMICROELECTRONICS-STL45N65M5 Datasheet
878Kb / 16P
N-channel 650 V, 0.075 Ω typ., 22.5 A MDmesh™ M5 Power MOSFET in a PowerFLAT™ 8x8 HV package
October 2015 Rev 2
STY105NM50N STMICROELECTRONICS-STY105NM50N Datasheet
907Kb / 13P
N-channel 500 V, 0.019 Ω typ., 110 A, MDmesh™ II Power MOSFET in a Max247 package
July 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com