Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCG_H9RM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCG_H9RM
Description  OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCG_H9RM Datasheet(HTML) 1 Page - OSRAM GmbH

  LCG_H9RM Datasheet HTML 1Page - OSRAM GmbH LCG_H9RM Datasheet HTML 2Page - OSRAM GmbH LCG_H9RM Datasheet HTML 3Page - OSRAM GmbH LCG_H9RM Datasheet HTML 4Page - OSRAM GmbH LCG_H9RM Datasheet HTML 5Page - OSRAM GmbH LCG_H9RM Datasheet HTML 6Page - OSRAM GmbH LCG_H9RM Datasheet HTML 7Page - OSRAM GmbH LCG_H9RM Datasheet HTML 8Page - OSRAM GmbH LCG_H9RM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2012-05-23
1
2012-05-23
OSRAM OSTAR Projection Cube
Datasheet
Version 1.0
LCG H9RM
OSRAM OSTAR Projection Cube is a new high flux
LED for slim designs especially for Projection
applications
OSRAM OSTAR Projection Cube ist eine neue, hoch
effiziente Lichtquelle für platzsparende Designs
speziell für Projektionsanwendungen
Features:
Besondere Merkmale:
•
Package: SMD epoxy package
•
Gehäusetyp: SMD Epoxid Gehäuse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Color: Cx = 0.318, Cy = 0.642 acc. to CIE 1931
(converted green) within
λ = 500 ... 600 nm; 0.32 /
0.54 for full spectral range
•
Farbe: Cx = 0.318, Cy = 0.642 acc. to CIE 1931
(konvertiertes grün) im Bereich
λ = 500 ... 600 nm;
0.32 / 0.54 für den gesamten Spektralbereich
•
ESD-withstand voltage: 8 kV acc. to
JESD22-A114-F
•
ESD-Festigkeit: 8 kV nach JESD22-A114-F
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
Applications
Anwendungen
•
Projection
•
Projektion


Similar Part No. - LCG_H9RM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LCG H9RM-LXMX-2 AMSOSRAM-LCG H9RM-LXMX-2 Datasheet
1Mb / 21P
OSRAM OSTAR® Projection Cube
2020-06-03
logo
OSRAM GmbH
LCG-H9RM OSRAM-LCG-H9RM Datasheet
268Kb / 23P
SMD epoxy package
logo
ams-OSRAM AG
LCG-H9RM AMSOSRAM-LCG-H9RM Datasheet
1Mb / 21P
OSRAM OSTAR® Projection Cube
2020-06-03
More results

Similar Description - LCG_H9RM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCGH9RN OSRAM-LCGH9RN Datasheet
1Mb / 23P
OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
LCG-H9RN-MXNX-1 OSRAM-LCG-H9RN-MXNX-1 Datasheet
1Mb / 23P
OSRAM OSTAR Projection Cube Datasheet Version 1.0
LCGH9RM-LXLZ-1 OSRAM-LCGH9RM-LXLZ-1 Datasheet
863Kb / 22P
OSRAM OSTAR Projection Cube is a high flux LED for slim designs.
LCGH9RN-MYNY-1 OSRAM-LCGH9RN-MYNY-1 Datasheet
869Kb / 22P
OSRAM OSTAR Projection Cube is a high flux LED for slim designs.
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
OSRAM OSTAR Projection Power
LCGH9RM OSRAM-LCGH9RM Datasheet
863Kb / 22P
OSRAM OSTAR Projection Cube
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
OSRAM OSTAR Projection Compact
logo
ams AG
LEAP2W AMSCO-LEAP2W Datasheet
2Mb / 21P
OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.12 2020-11-05
LEBP1MR AMSCO-LEBP1MR Datasheet
3Mb / 21P
OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.1 2022-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com