Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9952GXP Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 57Page - STMicroelectronics L9952GXP Datasheet HTML 58Page - STMicroelectronics L9952GXP Datasheet HTML 59Page - STMicroelectronics L9952GXP Datasheet HTML 60Page - STMicroelectronics L9952GXP Datasheet HTML 61Page - STMicroelectronics L9952GXP Datasheet HTML 62Page - STMicroelectronics L9952GXP Datasheet HTML 63Page - STMicroelectronics L9952GXP Datasheet HTML 64Page - STMicroelectronics L9952GXP Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
L9952GXP
SPI control and status registers
Doc ID 13518 Rev 5
61/68
8.1.4
Status register 0
The contents of the status register 0 can be read implicitly, while accessing the control
register 0 or control register 2.
Table 53.
Status register 0
Wakeup Inputs
Over current
Open load
Bit
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
r
r
r
r
r
r
rr
r
r
rr
r
r
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
00
0
0
000
0
Name
RES
RES
Cold
Start
LIN
INH
WU
4
WU
3
WU
2
WU
1
SHT5V2
REL
2OC
REL
1OC
HS
OC
HS
4OC
HS
3OC
HS
2OC
HS
10C
HS
O L
HS
4OL
HS
3OL
HS
2OL
HS
1OL
Table 54.
Configuration bit HSx_OL, HSx_OC and Relx_OC
Name/state
Definition/function
HS1..4_OL
Open load status from the High Side Driver OUT1..4.
0
No open load has been detected.
1
Open load has been detected.
HS_OL
Open load status from the High Side Driver OUT_HS
0
No open load has been detected.
1
Open load has been detected.
HS1..4_OC
Over current status from the High Side Driver OUT1..4.
0
No over current has been detected.
1
Over current has been detected.
HS_OC
Over current status from the High Side Driver OUT_HS.
0
No over current has been detected.
1
Over current has been detected.
Rel 1,2_OC
Over current status from Relais1,2
0
No over current has been detected.
1
Over current has been detected.
Table 55.
Configuration bit SHT5V2, WUx, INH, LIN and Cold Start
Name/state
Definition/function
SHT5V2
V2 short to ground at turn on; condition: V2 < 2V for more than 4ms. “1” = fail
WU4...WU1
Status of the corresponding Inputs WU1..4 (according to filter settings in CR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com