Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9952GXP Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 41Page - STMicroelectronics L9952GXP Datasheet HTML 42Page - STMicroelectronics L9952GXP Datasheet HTML 43Page - STMicroelectronics L9952GXP Datasheet HTML 44Page - STMicroelectronics L9952GXP Datasheet HTML 45Page - STMicroelectronics L9952GXP Datasheet HTML 46Page - STMicroelectronics L9952GXP Datasheet HTML 47Page - STMicroelectronics L9952GXP Datasheet HTML 48Page - STMicroelectronics L9952GXP Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
L9952GXP
Electrical characteristics
Doc ID 13518 Rev 5
45/68
7.12.27
D1
Duty cycle 1
THRec(max)=0.744*Vs
THDom(max)=0.581*Vs
Vs= 7...18V, tbit= 50us,
D1=tbus_rec(min)/(2xtbit)
Rbus, Cbus: 1 k
Ω, 1 nF;
660
Ω, 6.8 nF;
500
Ω, 10 nF
0.396
-
7.12.28
D2
Duty cycle 2
THRec(min)=0.284*Vs;
THDom(min)=0.422*Vs,
Vs= 7.6 ...18V,
tbit= 50µs,
D1=tbus_rec(max)/(2xtbit)
Rbus, Cbus:
1 k
Ω, 1 nF;
660
Ω, 6.8 nF;
500
Ω, 10 nF
-
0.581
7.12.29
D3
Duty cycle 3
THRec(max)=0.778*Vs;
THDom(max)=0.616*V,
Vs= 7...18V tbit= 96µs,
D3 =tbus_rec(min)/(2xtbit)
Rbus, Cbus: 1 k
Ω, 1 nF;
660
Ω, 6.8 nF;
500
Ω, 10 nF
0.417
-
7.12.30
D4
Duty cycle 4
THRec(min)=0.251*Vs;
THDom(min)=0.389*Vs,
Vs= 7.6 ...18V,
tbit= 96µs
D1 =tbus_rec(max)/(2xtbit)
Rbus, Cbus:
1 k
Ω, 1 nF;
660
Ω, 6.8 nF;
500
Ω,10 nF
-
0.59
Table 26.
LIN DC values
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
LINPU
DC values
7.12.31
RDSon
ON resistance
10.5
16
Ω
7.12.32
Ileak
Leakage current
1
uA
Table 25.
LIN timing (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
LIN timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com