Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E3S-R2B4 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3S-R2B4
Description  Photoelectric Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2B4 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3S-R2B4 Datasheet HTML 3Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 10Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
E3S
E3S
7
E3S-5E(B)4
Cord:
4-mm dia., 18/0.12, 3-conductor
Standard length: 2 m
Weight: approx. 155 g each for emitter and
receiver
Note:
1. A mounting bracket can be attached to side A.
2. Receiver only.
E3S-5E(B)41
Cord:
4-mm dia., 18/0.12, 3-conductor
Standard length: 2 m
Weight: approx. 165 g each for emitter and
receiver
Note:
1. A mounting bracket can be attached to side A.
2. Receiver only.
13.dia.
E39-L6
11 mm dia. lens
(A) (see note 1)
Two, M4 slotted
hexagonal bolts
Indicator
Sensitivity adjustor
(see note 2)
11 mm dia. lens
(A) (see note 1)
Indicator
Sensitivity adjustor
(see note 2)
Two, M4 slotted
hexagonal bolts
13 dia.
E3S-5E(B)4S(1)
Cord:
4.5-mm dia., 18/0.12, 4-conductor
Standard length: 2 m
Weight: approx. 155 g
11 mm
dia. lens
Indicator
Two, M4 slotted
hexagonal bolts
Sensitivity adjustor (receiver only)
Mode selector (receiver only)
Cord protector
Two mounting holes
Mounting bracket
16 dia.
(2.1R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com