Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E3S-R2B4 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3S-R2B4
Description  Photoelectric Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2B4 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3S-R2B4 Datasheet HTML 1Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 2Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 3Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
E3S
E3S
5
Operation
Output Circuits
-E4 Type (NPN Output)
-B4 Type (PNP Output)
-E4S(1) Type
Main circuit
+V
Output
Brown
Black
Blue
Light-
ON
Dark-
ON
Blue
Black
Brown
0 V
Main circuit
+V
Brown
Black
Blue
Light-
ON
Dark-
ON
Blue
Black
Brown
0 V
Output
2.2
Z
Z
Z
Brown
Black
Orange
0 V
+12 to 24 VDC
Logic
circuit
Self-diagnostic output
Z: Zener diode
*The color of the code for the self-diagnostic output is
orange for models whose model number suffix is S1.
Load
(relay)
Load
(relay)
Blue
Main circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com