Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP232PN Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TOP232PN
Description  Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232PN Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TOP232PN Datasheet HTML 1Page - Power Integrations, Inc. TOP232PN Datasheet HTML 2Page - Power Integrations, Inc. TOP232PN Datasheet HTML 3Page - Power Integrations, Inc. TOP232PN Datasheet HTML 4Page - Power Integrations, Inc. TOP232PN Datasheet HTML 5Page - Power Integrations, Inc. TOP232PN Datasheet HTML 6Page - Power Integrations, Inc. TOP232PN Datasheet HTML 7Page - Power Integrations, Inc. TOP232PN Datasheet HTML 8Page - Power Integrations, Inc. TOP232PN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TOP232-234
B
7/01
3
Figure 2. Functional Block Diagram.
Pin Functional Description
DRAIN (D) Pin:
High voltage power MOSFET drain output. The internal start-
up bias current is drawn from this pin through a switched high-
voltage current source. Internal current limit sense point for
drain current.
CONTROL (C) Pin:
Error amplifier and feedback current input pin for duty cycle
control. Internal shunt regulator connection to provide internal
bias current during normal operation. It is also used as the
connection point for the supply bypass and auto-restart/
compensation capacitor.
MULTI-FUNCTION (M) Pin:
Input pin for OV, UV, line feed forward with DC
MAX reduction,
external set current limit, remote ON/OFF and synchronization.
A connection to SOURCE pin disables all functions on this pin
and makes TOPSwitch-FX operate in simple three terminal
mode (like TOPSwitch-II).
FREQUENCY (F) Pin: (Y package only)
Input pin for selecting switching frequency: 132 kHz if connected
to SOURCE pin and 66 kHz if connected to CONTROL pin.
Figure 3. Pin Configuration.
PI-2535-083099
The switching frequency is internally set for 132 kHz only
operation in P and G packages.
SOURCE (S) Pin:
Output MOSFET source connection for high voltage power
return. Primary side control circuit common and reference point.
SHUTDOWN/
AUTO-RESTART
PWM
COMPARATOR
CLOCK
SAW
HALF
FREQUENCY
OSCILLATOR WITH JITTER
CONTROLLED
TURN-ON
GATE DRIVER
CURRENT LIMIT
COMPARATOR
INTERNAL UV
COMPARATOR
INTERNAL
SUPPLY
5.8 V
4.8 V
SOURCE (S)
S
R
Q
Q
DMAX
STOP
SOFT-
START
-
+
CONTROL (C)
MULTI-
FUNCTION (M)
FREQUENCY (F)
(Y Package Only)
-
+
5.8 V
IFB
RE
ZC
VC
+
-
LEADING
EDGE
BLANKING
÷ 8
1
HYSTERETIC
THERMAL
SHUTDOWN
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN (D)
ON/OFF
DCMAX
VBG
DCMAX
VBG + VT
0
OV/UV
VI (LIMIT)
CURRENT
LIMIT
ADJUST
LINE
SENSE
SOFT START
PI-2501-031901
Tab Internally
Connected to SOURCE Pin
Y Package (TO-220-7B)
P Package (DIP-8B)
G Package (SMD-8B)
C
D
S
S
S
S
1 C
3 M
5 F
4 S
7 D
M
8
5
7
1
4
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com