Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP232PN Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # TOP232PN
Description  Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232PN Datasheet(HTML) 5 Page - Power Integrations, Inc.

  TOP232PN Datasheet HTML 1Page - Power Integrations, Inc. TOP232PN Datasheet HTML 2Page - Power Integrations, Inc. TOP232PN Datasheet HTML 3Page - Power Integrations, Inc. TOP232PN Datasheet HTML 4Page - Power Integrations, Inc. TOP232PN Datasheet HTML 5Page - Power Integrations, Inc. TOP232PN Datasheet HTML 6Page - Power Integrations, Inc. TOP232PN Datasheet HTML 7Page - Power Integrations, Inc. TOP232PN Datasheet HTML 8Page - Power Integrations, Inc. TOP232PN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TOP232-234
B
7/01
5
PI-2545-082299
S1
S2
S6
S7
S1
S2
S6
S7
S0
S1
S7
S0
S0
5.8 V
4.8 V
S7
0 V
0 V
0 V
V
LINE
V
C
V
DRAIN
V
OUT
Note: S0 through S7 are the output states of the auto-restart counter
2
1
2
3
4
0 V
S6
S7
V
UV
S2
CONTROL pin current, before the CONTROL pin voltage has
had a chance to discharge to the lower threshold voltage of
approximately 4.8 V (internal supply under-voltage lockout
threshold). When the externally fed current charges the
CONTROL pin to the shunt regulator voltage of 5.8 V, current
in excess of the consumption of the chip is shunted to SOURCE
through resistor R
E as shown in Figure 2. This current flowing
through R
E controls the duty cycle of the power MOSFET to
provide closed loop regulation. The shunt regulator has a finite
low output impedance Z
C that sets the gain of the error amplifier
when used in a primary feedback configuration. The dynamic
impedance Z
C of the CONTROL pin together with the external
CONTROL pin capacitance sets the dominant pole for the
control loop.
When a fault condition such as an open loop or shorted output
prevents the flow of an external current into the CONTROL pin,
the capacitor on the CONTROL pin discharges towards 4.8 V.
At 4.8 V auto-restart is activated which turns the output MOSFET
off and puts the control circuitry in a low current standby mode.
The high-voltage current source turns on and charges the
external capacitance again. A hysteretic internal supply under-
voltage comparator keeps V
C within a window of typically 4.8
to 5.8 V by turning the high-voltage current source on and off
as shown in Figure 5. The auto-restart circuit has a divide-by-
8 counter which prevents the output MOSFET from turning on
again until eight discharge/charge cycles have elapsed. This is
accomplished by enabling the output MOSFET only when the
divide-by-8 counter reaches full count (S7). The counter
effectively limits TOPSwitch-FX power dissipation by reducing
the auto-restart duty cycle to typically 4%. Auto-restart mode
continues until output voltage regulation is again achieved
through closure of the feedback loop.
Oscillator and Switching Frequency
The internal oscillator linearly charges and discharges an internal
capacitance between two voltage levels to create a sawtooth
waveform for the pulse width modulator. The oscillator sets the
pulse width modulator/current limit latch at the beginning of
each cycle.
The nominal switching frequency of 132 kHz was chosen to
minimize transformer size while keeping the fundamental EMI
frequency below 150 kHz. The FREQUENCY pin (available
only in TO-220 package), when shorted to the CONTROL pin,
lowers the switching frequency to 66 kHz (half frequency)
which may be preferable in some cases such as noise sensitive
video applications or a high efficiency standby mode. Otherwise,
the FREQUENCY pin should be connected to the SOURCE pin
for the default 132 kHz. Trimming of the current reference
improves oscillator frequency accuracy.
To further reduce the EMI level, the switching frequency is
jittered (frequency modulated) by approximately
±4 kHz at
250 Hz (typical) rate as shown in Figure 6. Figure 28 shows the
typical improvement of EMI measurements with frequency
jitter.
Pulse Width Modulator and Maximum Duty Cycle
The pulse width modulator implements voltage mode control
by driving the output MOSFET with a duty cycle inversely
proportional to the current into the CONTROL pin that is in
excess of the internal supply current of the chip (see Figure 4).
The excess current is the feedback error signal that appears
across R
E (see Figure 2).
This signal is filtered by an RC
network with a typical corner frequency of 7 kHz to reduce the
effect of switching noise in the chip supply current generated by
Figure 5. Typical Waveforms for (1) Power Up (2) Normal Operation (3) Auto-restart (4) Power Down .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com