Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99MC6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99MC6
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 1 Page - STMicroelectronics

  L99MC6 Datasheet HTML 1Page - STMicroelectronics L99MC6 Datasheet HTML 2Page - STMicroelectronics L99MC6 Datasheet HTML 3Page - STMicroelectronics L99MC6 Datasheet HTML 4Page - STMicroelectronics L99MC6 Datasheet HTML 5Page - STMicroelectronics L99MC6 Datasheet HTML 6Page - STMicroelectronics L99MC6 Datasheet HTML 7Page - STMicroelectronics L99MC6 Datasheet HTML 8Page - STMicroelectronics L99MC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
November 2009
Doc ID 16523 Rev 1
1/55
1
L99MC6
Configurable 6-channel device
Features
3 independently self configuring high-/low-side
channels
3 low-side channels
RON =0.7 Ω (typ) at Tj = 25 °C
Current limit of each output at min. 0.6 A
PWM direct mode
Bulb mode with recovery mode
LED mode with slew rate control
Bridge mode with crosscurrent protection
SPI interface for data communication
Temperature warning
All outputs overtemperature protected
All outputs short-circuit protected
Configurable open-load detection in off mode
VCC supply voltage 3.0 V to 5.25 V
Very low current consumption in standby mode
5 µA (typ)
Internal clamp diodes
HS switches operate down to 3 V crank voltage
Applications
Relay driver
LED driver
Motor driver
Mirror adjustment
Description
The L99MC6 IC is a highly flexible monolithic
medium current output driver that incorporates 3
dedicated low-side outputs (channels 4 to 6) and
3 independently self configuring outputs
(channels 1 to 3) that can be used as either low-
side or high-side drivers in any combination. The
L99MC6 can control inductive loads,
incandescent bulbs or LEDs.
The L99MC6 can be used in a half bridge
configuration with crosscurrent protection.
The channel 2 can be controlled directly via the
IN/PWM pin for PWM applications. The IN/PWM
signal can be applied to any other output.
The integrated 16-bit standard serial peripheral
interface (SPI) controls all outputs and provides
diagnostic information: normal operation, open-
load in off-state, overcurrent, temperature
warning, overtemperature.
PowerSSO-16
Table 1.
Device summary
Package
Order codes
Part number (tube)
Part number (tape & reel)
PowerSSO-16
L99MC6-LF
L99MC6TR-LF
www.st.com


Similar Part No. - L99MC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99MC6 STMICROELECTRONICS-L99MC6 Datasheet
1Mb / 22P
for car body applications
Oct-2013
L99MC6 STMICROELECTRONICS-L99MC6 Datasheet
487Kb / 55P
Configurable 6-channel device
20-Sep-2013
L99MC6-LF STMICROELECTRONICS-L99MC6-LF Datasheet
487Kb / 55P
Configurable 6-channel device
20-Sep-2013
L99MC6GJ STMICROELECTRONICS-L99MC6GJ Datasheet
1Mb / 55P
Automotive configurable 6-channel device
21-Nov-2016
L99MC6TR-LF STMICROELECTRONICS-L99MC6TR-LF Datasheet
487Kb / 55P
Configurable 6-channel device
20-Sep-2013
More results

Similar Description - L99MC6

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
CapSense Express-6 Configurable IOs
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
logo
Texas Instruments
PT6620 TI1-PT6620_14 Datasheet
517Kb / 19P
Single Device: 6-A Output
logo
STMicroelectronics
L99MC6GJ STMICROELECTRONICS-L99MC6GJ Datasheet
1Mb / 55P
Automotive configurable 6-channel device
21-Nov-2016
logo
TDK Electronics
ICM-20648 TDK-ICM-20648 Datasheet
1Mb / 82P
6-Axis MEMS MotionTracking Device
logo
Maxim Integrated Produc...
MAX5392EVMINIQU MAXIM-MAX5392EVMINIQU Datasheet
1Mb / 19P
Configurable and Fixed Device Addresses
Rev 1; 5/10
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com