Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S3F82NB Datasheet(PDF) 21 Page - Zilog, Inc.

Part # S3F82NB
Description  S3 Family 8-Bit Microcontrollers
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

S3F82NB Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button S3F82NB Datasheet HTML 17Page - Zilog, Inc. S3F82NB Datasheet HTML 18Page - Zilog, Inc. S3F82NB Datasheet HTML 19Page - Zilog, Inc. S3F82NB Datasheet HTML 20Page - Zilog, Inc. S3F82NB Datasheet HTML 21Page - Zilog, Inc. S3F82NB Datasheet HTML 22Page - Zilog, Inc. S3F82NB Datasheet HTML 23Page - Zilog, Inc. S3F82NB Datasheet HTML 24Page - Zilog, Inc. S3F82NB Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 361 page
background image
PS031601-0813
P R E L I M I N A R Y
S3F82NB
Product Specification
SMART OPTION
ISP reset vector change selection
bit:(1)
0 = OBP reset vector address
1 = Normal vector (address 0100H)
ISP reset vector address selection bits:(2)
00 = 200H(ISP area size: 256 byte)
01 = 300H(ISP area size: 512 byte)
10 = 500H(ISP area size: 1024 byte)
11 = 900H(ISP area size: 2048 byte)
Not used
ISP protection size selection bits:(4)(5)
00 = 256 bytes
01 = 512 bytes
10 = 1024 bytes
11 = 2048 bytes
ISP protection enable/disable bit:(3)
0 = Enable (not erasable by LDC)
1 = Disable (Erasable by LDC)
ROM Address: 003EH
.7
.6
.5
.4
.3
.2
.1
.0
MSB
LSB
LVR enable/disable bit
(Criteria Voltage: 2.0V)
0 = Disable LVR
1 = Enable LVR
ROM Address: 003FH
.7
.6
.5
.4
.3
.2
.1
.0
MSB
LSB
ROM Address: 003CH
.7
.6
.5
.4
.3
.2
.1
.0
MSB
LSB
Not used
ROM Address: 003DH
.7
.6
.5
.4
.3
.2
.1
.0
MSB
LSB
Not used
NOTES:
1. By setting ISP reset vector change selection bit (3E.7) to '0', user can have the available ISP area.
If ISP reset vector change selection bit (3EH.7) is '1', 3EH.6 and 3EH.5 are meaningless.
2. If ISP reset vector change selection bit (3EH.7) is '0', user must change ISP reset vector address from
0100H to some address which user want to set reset address (0200H, 0300H, 0500H or 0900H).
If the reset vector address is 0200H, the ISP area can be assigned from 0100H to 01FFH (256bytes).
If 0300H, the ISP area can be assigned from 0100H to 02FFH (512bytes). If 0500H, the ISP area can
be assigned from 0100H to 04FFH (1024bytes). If 0900H, the ISP area can be assigned from 0100H
to 08FFH (2048bytes).
3. If ISP protection enable/disable bit is '0', user can't erase or program the ISP area selected by 3EH.1
and 3EH.0 in flash memory.
4. User can select suitable ISP protection size by 3EH.1 and 3EH.0. If ISP protection enable/disable bit
(3EH.2) is '1', 3EH.1 and 3EH.0 are meaningless.
5. After selecting ISP reset vector address in selecting ISP protection size, don't select upper than ISP
area size.
These bits should be
always logic "111111b".
AVREF or P1.0/INT0 selection bit:
0 = AVREF
1 = P1.0/INT0
Figure 2-2. Smart Option
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com