| Electronic Components Datasheet Search |
|
PLL2_C0 Datasheet(PDF) 57 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C0 Datasheet(HTML) 57 Page - Altera Corporation |
|
57 / 274 page ![]() Chapter 4: Embedded Multipliers in the Cyclone III Device Family 4–5 Operational Modes December 2011 Altera Corporation Cyclone III Device Handbook Volume 1 Table 4–3 lists the sign of the multiplication results for the various operand sign representations. The results of the multiplication are signed if any one of the operands is a signed value. Each embedded multiplier block has only one signa and one signb signal to control the sign representation of the input data to the block. If the embedded multiplier block has two 9 × 9 multipliers, the Data A input of both multipliers share the same signa signal, and the Data B input of both multipliers share the same signb signal. You can dynamically change the signa and signb signals to modify the sign representation of the input operands at run time. You can send the signa and signb signals through a dedicated input register. The multiplier offers full precision, regardless of the sign representation. 1 When the signa and signb signals are unused, the Quartus II software sets the multiplier to perform unsigned multiplication by default. Output Registers You can register the embedded multiplier output using output registers in either 18- or 36-bit sections, depending on the operational mode of the multiplier. The following control signals are available for each output register in the embedded multiplier: ■ clock ■ clock enable ■ asynchronous clear All input and output registers in a single embedded multiplier are fed by the same clock, clock enable, and asynchronous clear signals. Operational Modes You can use an embedded multiplier block in one of two operational modes, depending on the application needs: ■ One 18-bit × 18-bit multiplier ■ Up to two 9-bit × 9-bit independent multipliers Table 4–3. Multiplier Sign Representation Data A Data B Result signa Value Logic Level signb Value Logic Level Unsigned Low Unsigned Low Unsigned Unsigned Low Signed High Signed Signed High Unsigned Low Signed Signed High Signed High Signed |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |