Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLL2_C0 Datasheet(PDF) 64 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 64 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 60Page - Altera Corporation PLL2_C0 Datasheet HTML 61Page - Altera Corporation PLL2_C0 Datasheet HTML 62Page - Altera Corporation PLL2_C0 Datasheet HTML 63Page - Altera Corporation PLL2_C0 Datasheet HTML 64Page - Altera Corporation PLL2_C0 Datasheet HTML 65Page - Altera Corporation PLL2_C0 Datasheet HTML 66Page - Altera Corporation PLL2_C0 Datasheet HTML 67Page - Altera Corporation PLL2_C0 Datasheet HTML 68Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 274 page
background image
5–4
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
Clock Networks
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
If you do not use dedicated clock pins to feed the GCLKs, you can use them as
general-purpose input pins to feed the logic array. However, when using them as
general-purpose input pins, they do not have support for an I/O register and must
use LE-based registers in place of an I/O register.
f For more information about how to connect the clock and PLL pins, refer to the
Cyclone III Device Family Pin Connection Guidelines on the Altera® website.
Clock Control Block
The clock control block drives GCLKs. Clock control blocks are located on each side of
the device, close to the dedicated clock input pins. GCLKs are optimized for
minimum clock skew and delay.
Table 5–2 lists the sources that can feed the clock control block, which in turn feeds the
GCLKs.
In the Cyclone III device family, dedicated clock input pins, PLL counter outputs,
dual-purpose clock I/O inputs, and internal logic can all feed the clock control block
for each GCLK.
1 Normal I/O pins cannot drive the PLL input clock port.
The output from the clock control block in turn feeds the corresponding GCLK. The
GCLK can drive the PLL input if the clock control block inputs are outputs of another
PLL or dedicated clock input pins. The clock control blocks are at the device
periphery; there are a maximum of 20 clock control blocks available per Cyclone III
device family.
The control block has two functions:
■
Dynamic GCLK clock source selection (not applicable for DPCLK or CDPCLK and
internal logic input)
■
GCLK network power down (dynamic enable and disable)
Table 5–2. Clock Control Block Inputs
Input
Description
Dedicated clock inputs
Dedicated clock input pins can drive clocks or global signals, such as
synchronous and asynchronous clears, presets, or clock enables onto
given GCLKs.
Dual-purpose clock
(DPCLK and CDPCLK)
I/O input
DPCLK
and CDPCLK I/O pins are bidirectional dual function pins that
are used for high fan-out control signals, such as protocol signals,
TRDY
and IRDY signals for PCI, via the GCLK. Clock control blocks
that have inputs driven by dual-purpose clock I/O pins are not able to
drive PLL inputs.
PLL outputs
PLL counter outputs can drive the GCLK.
Internal logic
You can drive the GCLK through logic array routing to enable internal
logic elements (LEs) to drive a high fan-out, low-skew signal path.
Clock control blocks that have inputs driven by internal logic are not
able to drive PLL inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com