Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLL2_C0 Datasheet(PDF) 103 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 103 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 99Page - Altera Corporation PLL2_C0 Datasheet HTML 100Page - Altera Corporation PLL2_C0 Datasheet HTML 101Page - Altera Corporation PLL2_C0 Datasheet HTML 102Page - Altera Corporation PLL2_C0 Datasheet HTML 103Page - Altera Corporation PLL2_C0 Datasheet HTML 104Page - Altera Corporation PLL2_C0 Datasheet HTML 105Page - Altera Corporation PLL2_C0 Datasheet HTML 106Page - Altera Corporation PLL2_C0 Datasheet HTML 107Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 274 page
background image
Chapter 6: I/O Features in the Cyclone III Device Family
6–5
I/O Element Features
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Programmable Pull-Up Resistor
Each Cyclone III device family I/O pin provides an optional programmable pull-up
resistor while in user mode. If you enable this feature for an I/O pin, the pull-up
resistor holds the output to the VCCIO level of the output pin’s bank.
1 If you enable the programmable pull-up, the device cannot use the bus-hold feature.
Programmable pull-up resistors are not supported on the dedicated configuration,
JTAG, and dedicated clock pins.
1 When the optional DEV_OE signal drives low, all I/O pins remain tri-stated even if the
programmable pull-up option is enabled.
Programmable Delay
The Cyclone III device family IOE includes programmable delays to ensure zero hold
times, minimize setup times, increase clock-to-output times, or delay the clock input
signal.
A path in which a pin directly drives a register may require a programmable delay to
ensure zero hold time, whereas a path in which a pin drives a register through
combinational logic may not require the delay. Programmable delays minimize setup
time. The Quartus II Compiler can program these delays to automatically minimize
setup time while providing a zero hold time. Programmable delays can increase the
register-to-pin delays for output registers. Each dual-purpose clock input pin
provides a programmable delay to the global clock networks.
Table 6–2 lists the programmable delays for the Cyclone III device family.
There are two paths in the IOE for an input to reach the logic array. Each of the two
paths can have a different delay. This allows you to adjust delays from the pin to the
internal logic element (LE) registers that reside in two different areas of the device.
You must set the two combinational input delays with the input delay from pin to
internal cells logic option in the Quartus II software for each path. If the pin uses the
input register, one of the delays is disregarded and the delay is set with the input
delay from pin to input register logic option in the Quartus II software.
The IOE registers in each I/O block share the same source for the preset or clear
features. You can program preset or clear for each individual IOE, but you cannot use
both features simultaneously. You can also program the registers to power-up high or
low after configuration is complete. If programmed to power-up low, an
asynchronous clear can control the registers. If programmed to power-up high, an
Table 6–2. Cyclone III Device Family Programmable Delay Chain
Programmable Delays
Quartus II Logic Option
Input pin-to-logic array delay
Input delay from pin to internal cells
Input pin-to-input register delay
Input delay from pin to input register
Output pin delay
Delay from output register to output pin
Dual-purpose clock input pin
delay
Input delay from dual-purpose clock pin to fan-out destinations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com