| Electronic Components Datasheet Search |
|
PLL2_C0 Datasheet(PDF) 138 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C0 Datasheet(HTML) 138 Page - Altera Corporation |
|
138 / 274 page ![]() 7–16 Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family High-Speed I/O Timing Cyclone III Device Handbook December 2011 Altera Corporation Volume 1 High-Speed I/O Timing This section discusses the timing budget, waveforms, and specifications for source-synchronous signaling in the Cyclone III device family. Timing for source-synchronous signaling is based on skew between the data and clock signals. High-speed differential data transmission requires timing parameters provided by IC vendors and requires you to consider the board skew, cable skew, and clock jitter. This section provides information about high-speed I/O standards timing parameters in the Cyclone III device family. Table 7–5 lists the parameters of the timing diagram as shown in Figure 7–15. Table 7–5. High-Speed I/O Timing Definitions Parameter Symbol Description Transmitter channel-to-channel skew (1) TCCS The timing difference between the fastest and slowest output edges, including tCO variation and clock skew. The clock is included in the TCCS measurement. Sampling window SW The period of time during which the data must be valid in order for you to capture it correctly. The setup and hold times determine the ideal strobe position in the sampling window. TSW =TSU +Thd + PLL jitter. Receiver input skew margin RSKM RSKM is defined by the total margin left after accounting for the sampling window and TCCS. The RSKM equation is: Input jitter tolerance (peak-to-peak) — Allowed input jitter on the input clock to the PLL that is tolerable while maintaining PLL lock. Output jitter (peak-to-peak) — Peak-to-peak output jitter from the PLL. Note to Table 7–5: (1) The TCCS specification applies to the entire bank of differential I/O as long as the SERDES logic is placed in the logic array block (LAB) adjacent to the output pins. RSKM TUI SW TCCS – – 2 -------------------------------------------------- = Figure 7–15. High-Speed I/O Timing Diagram Sampling Window (SW) Time Unit Interval (TUI) RSKM TCCS RSKM TCCS Internal Clock External Input Clock Receiver Input Data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |