Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLL2_C0 Datasheet(PDF) 233 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 233 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 229Page - Altera Corporation PLL2_C0 Datasheet HTML 230Page - Altera Corporation PLL2_C0 Datasheet HTML 231Page - Altera Corporation PLL2_C0 Datasheet HTML 232Page - Altera Corporation PLL2_C0 Datasheet HTML 233Page - Altera Corporation PLL2_C0 Datasheet HTML 234Page - Altera Corporation PLL2_C0 Datasheet HTML 235Page - Altera Corporation PLL2_C0 Datasheet HTML 236Page - Altera Corporation PLL2_C0 Datasheet HTML 237Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–75
Remote System Upgrade
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Functional Description
The dedicated remote system upgrade circuitry in Cyclone III device family manages
remote configuration and provides error detection, recovery, and status information.
User logic or a NiosII processor implemented in the Cyclone III device family logic
array provides access to the remote configuration data source and an interface to the
configuration memory.
1 Configuration memory refers to serial configuration devices (EPCS) or supported
parallel flash memory, and depends on the configuration scheme that you use.
The remote system upgrade process of Cyclone III device family involves the
following steps:
1. A Nios II processor (or user logic) implemented in the Cyclone III device family
logic array receives new configuration data from a remote location. The connection
to the remote source is a communication protocol such as the transmission control
protocol/Internet protocol (TCP/IP), peripheral component interconnect (PCI),
user datagram protocol (UDP), universal asynchronous receiver/transmitter
(UART), or a proprietary interface.
2. The Nios II processor (or user logic) writes this new configuration data into a
configuration memory.
3. The Nios II processor (or user logic) starts a reconfiguration cycle with the new or
updated configuration data.
4. The dedicated remote system upgrade circuitry detects and recovers from any
error that might occur during or after the reconfiguration cycle, and provides error
status information to the user design.
Figure 9–32 shows the steps required for performing remote configuration updates
(the numbers in Figure 9–32 coincide with steps 1–4).
Figure 9–32. Functional Diagram of Cyclone III Device Family Remote System Upgrade
Development
Location
Device Configuration
Cyclone III
Device Family
Control Module
Data
Data
Data
1
2
3
Configuration
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com