Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C2012 Datasheet(PDF) 39 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 39 Page - TDK Electronics

Back Button C2012 Datasheet HTML 35Page - TDK Electronics C2012 Datasheet HTML 36Page - TDK Electronics C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
680 nF
1005
0.50 ± 0.05
± 10%
C1005JB1A684K050BC
C1005JB0J684K050BB
± 20%
C1005JB1A684M050BC
C1005JB0J684M050BB
1608
0.80 +0.15/-0.10
± 10%
C1608JB1A684K080AC
± 20%
C1608JB1A684M080AC
1 F
1005
0.50 ± 0.05
± 10%
C1005JB1A105K050BB
C1005JB0J105K050BB
± 20%
C1005JB1A105M050BB
C1005JB0J105M050BB
1608
0.80 +0.15/-0.10
± 10%
C1608JB1A105K080AC
± 20%
C1608JB1A105M080AC
1.5 F
1005
0.50 ± 0.05
± 10%
C1005JB1A155K050BC
C1005JB0J155K050BB
± 20%
C1005JB1A155M050BC
C1005JB0J155M050BB
1608
0.80 ± 0.10
± 10%
C1608JB1A155K080AC
C1608JB0J155K080AB
± 20%
C1608JB1A155M080AC
C1608JB0J155M080AB
2.2 F
1005
0.50 ± 0.05
± 10%
C1005JB1A225K050BC
C1005JB0J225K050BC
C1005JB0G225K050BB
± 20%
C1005JB1A225M050BC
C1005JB0J225M050BC
C1005JB0G225M050BB
1608
0.80 +0.20/-0.10
± 10%
C1608JB1A225K080AC
C1608JB0J225K080AB
± 20%
C1608JB1A225M080AC
C1608JB0J225M080AB
2012
0.85 ± 0.15
± 10%
C2012JB1A225K085AA
± 20%
C2012JB1A225M085AA
3.3 F
1005
0.50 ± 0.10
± 10%
C1005JB1A335K050BC
C1005JB0J335K050BC
C1005JB0G335K050BB
± 20%
C1005JB1A335M050BC
C1005JB0J335M050BC
C1005JB0G335M050BB
1608
0.80 +0.20/-0.10
± 10%
C1608JB0J335K080AB
± 20%
C1608JB0J335M080AB
0.80 ± 0.10
± 10%
C1608JB1A335K080AB
± 20%
C1608JB1A335M080AB
2012
1.25 ± 0.20
± 10%
C2012JB1A335K125AA
± 20%
C2012JB1A335M125AA
4.7 F
1005
0.50 +0.15/-0.10
± 10%
C1005JB1A475K050BC
C1005JB0J475K050BC
C1005JB0G475K050BB
± 20%
C1005JB1A475M050BC
C1005JB0J475M050BC
C1005JB0G475M050BB
1608
0.80 +0.20/-0.10
± 10%
C1608JB0J475K080AB
± 20%
C1608JB0J475M080AB
0.80 ± 0.10
± 10%
C1608JB1A475K080AB
± 20%
C1608JB1A475M080AB
2012
0.60 ± 0.15
± 10%
C2012JB1A475K060AB
± 20%
C2012JB1A475M060AB
0.85 ± 0.15
± 10%
C2012JB0J475K085AB
± 20%
C2012JB0J475M085AB
1.25 ± 0.20
± 10%
C2012JB1A475K125AA
± 20%
C2012JB1A475M125AA
6.8 F
1608
0.80 ± 0.10
± 10%
C1608JB1A685K080AC
C1608JB0J685K080AB
± 20%
C1608JB1A685M080AC
C1608JB0J685M080AB
2012
0.60 ± 0.15
± 10%
C2012JB1A685K060AC
± 20%
C2012JB1A685M060AC
0.85 ± 0.15
± 10%
C2012JB1A685K085AC
C2012JB0J685K085AB
± 20%
C2012JB1A685M085AC
C2012JB0J685M085AB
1.25 ± 0.20
± 10%
C2012JB1A685K125AC
C2012JB0J685K125AB
± 20%
C2012JB1A685M125AC
C2012JB0J685M125AB
10 F
1608
0.80 ± 0.10
± 10%
C1608JB1A106K080AC
C1608JB0J106K080AB
± 20%
C1608JB1A106M080AC
C1608JB0J106M080AB
2012
0.85 ± 0.15
± 10%
C2012JB1A106K085AC
C2012JB0J106K085AB
± 20%
C2012JB1A106M085AC
C2012JB0J106M085AB
1.25 ± 0.20
± 10%
C2012JB1A106K125AC
C2012JB0J106K125AB
± 20%
C2012JB1A106M125AC
C2012JB0J106M125AB
3216
1.60 ± 0.20
± 10%
C3216JB1A106K160AA
± 20%
C3216JB1A106M160AA
15 F
1608
0.80 ± 0.20
± 20%
C1608JB1A156M080AC
C1608JB0J156M080AC
C1608JB0G156M080AA
2012
0.85 ± 0.15
± 20%
C2012JB1A156M085AC
C2012JB0J156M085AB
1.25 ± 0.20
± 20%
C2012JB1A156M125AB
C2012JB0J156M125AC
3216
1.60 ± 0.20
± 20%
C3216JB1A156M160AC
3225
2.30 ± 0.20
± 20%
C3225JB1A156M230AA
Page 38
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com