Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C2012 Datasheet(PDF) 52 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 52 Page - TDK Electronics

Back Button C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics C2012 Datasheet HTML 54Page - TDK Electronics C2012 Datasheet HTML 55Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
150 nF
2012
1.25 ± 0.20
± 10%
C2012X7R1H154K125AA
± 20%
C2012X7R1H154M125AA
220 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1C224K050BC
± 20%
C1005X7R1C224M050BC
1608
0.80 ± 0.10
± 10%
C1608X7R1H224K080AB
C1608X7R1V224K080AB
C1608X7R1E224K080AC
C1608X7R1C224K080AC
± 20%
C1608X7R1H224M080AB
C1608X7R1V224M080AB
C1608X7R1E224M080AC
C1608X7R1C224M080AC
2012
1.25 ± 0.20
± 10%
C2012X7R1H224K125AA
± 20%
C2012X7R1H224M125AA
3216
1.15 ± 0.15
± 10%
C3216X7R1H224K115AA
± 20%
C3216X7R1H224M115AA
330 nF
1608
0.80 ± 0.10
± 10%
C1608X7R1H334K080AC
C1608X7R1V334K080AB
C1608X7R1E334K080AC
C1608X7R1C334K080AC
± 20%
C1608X7R1H334M080AC
C1608X7R1V334M080AB
C1608X7R1E334M080AC
C1608X7R1C334M080AC
2012
1.25 ± 0.20
± 10%
C2012X7R1H334K125AA
± 20%
C2012X7R1H334M125AA
3216
1.60 ± 0.20
± 10%
C3216X7R1H334K160AA
± 20%
C3216X7R1H334M160AA
470 nF
1608
0.80 ± 0.10
± 10%
C1608X7R1H474K080AC
C1608X7R1V474K080AB
C1608X7R1E474K080AB
C1608X7R1C474K080AC
± 20%
C1608X7R1H474M080AC
C1608X7R1V474M080AB
C1608X7R1E474M080AB
C1608X7R1C474M080AC
2012
1.25 ± 0.20
± 10%
C2012X7R1H474K125AB
C2012X7R1V474K125AB
C2012X7R1E474K125AA
± 20%
C2012X7R1H474M125AB
C2012X7R1V474M125AB
C2012X7R1E474M125AA
3216
1.60 ± 0.20
± 10%
C3216X7R1H474K160AA
± 20%
C3216X7R1H474M160AA
680 nF
1608
0.80 ± 0.10
± 10%
C1608X7R1V684K080AC
C1608X7R1E684K080AB
C1608X7R1C684K080AC
± 20%
C1608X7R1V684M080AC
C1608X7R1E684M080AB
C1608X7R1C684M080AC
2012
1.25 ± 0.20
± 10%
C2012X7R1H684K125AB
C2012X7R1V684K125AB
C2012X7R1E684K125AB
C2012X7R1C684K125AA
± 20%
C2012X7R1H684M125AB
C2012X7R1V684M125AB
C2012X7R1E684M125AB
C2012X7R1C684M125AA
3216
1.60 ± 0.20
± 10%
C3216X7R1H684K160AA
± 20%
C3216X7R1H684M160AA
1 F
1608
0.80 ± 0.10
± 10%
C1608X7R1V105K080AC
C1608X7R1E105K080AB
C1608X7R1C105K080AC
± 20%
C1608X7R1V105M080AC
C1608X7R1E105M080AB
C1608X7R1C105M080AC
2012
0.85 ± 0.15
± 10%
C2012X7R1H105K085AC
C2012X7R1V105K085AB
C2012X7R1E105K085AB
C2012X7R1C105K085AA
± 20%
C2012X7R1H105M085AC
C2012X7R1V105M085AB
C2012X7R1E105M085AB
C2012X7R1C105M085AA
1.25 ± 0.20
± 10%
C2012X7R1H105K125AB
C2012X7R1V105K125AB
C2012X7R1E105K125AB
C2012X7R1C105K125AA
± 20%
C2012X7R1H105M125AB
C2012X7R1V105M125AB
C2012X7R1E105M125AB
C2012X7R1C105M125AC
3216
0.85 ± 0.15
± 10%
C3216X7R1E105K085AA
± 20%
C3216X7R1E105M085AA
1.60 ± 0.20
± 10%
C3216X7R1H105K160AB
C3216X7R1E105K160AA
± 20%
C3216X7R1H105M160AB
C3216X7R1E105M160AA
3225
1.60 ± 0.20
± 10%
C3225X7R1H105K160AA
± 20%
C3225X7R1H105M160AA
4532
1.60 ± 0.20
± 10%
C4532X7R1H105K160KA
± 20%
C4532X7R1H105M160KA
1.5 F
2012
1.25 ± 0.20
± 10%
C2012X7R1H155K125AC
C2012X7R1V155K125AB
C2012X7R1E155K125AB
C2012X7R1C155K125AB
± 20%
C2012X7R1H155M125AC
C2012X7R1V155M125AB
C2012X7R1E155M125AB
C2012X7R1C155M125AB
3216
1.60 ± 0.20
± 10%
C3216X7R1H155K160AB
C3216X7R1V155K160AB
C3216X7R1E155K160AA
± 20%
C3216X7R1H155M160AB
C3216X7R1V155M160AB
C3216X7R1E155M160AA
3225
2.00 ± 0.20
± 10%
C3225X7R1H155K200AA
± 20%
C3225X7R1H155M200AA
2.2 F
2012
0.85 +0.15/-0.25
± 10%
C2012X7R1E225K085AB
0.85 ± 0.15
± 10%
C2012X7R1V225K085AC
C2012X7R1C225K085AB
± 20%
C2012X7R1V225M085AC
C2012X7R1E225M085AB
C2012X7R1C225M085AB
1.25 ± 0.20
± 10%
C2012X7R1H225K125AC
C2012X7R1V225K125AB
C2012X7R1E225K125AB
C2012X7R1C225K125AB
± 20%
C2012X7R1H225M125AC
C2012X7R1V225M125AB
C2012X7R1E225M125AB
C2012X7R1C225M125AB
3216
1.60 ± 0.20
± 10%
C3216X7R1H225K160AB
C3216X7R1V225K160AB
C3216X7R1E225K160AA
± 20%
C3216X7R1H225M160AB
C3216X7R1V225M160AB
C3216X7R1E225M160AA
3225
2.00 ± 0.20
± 10%
C3225X7R1H225K200AB
± 20%
C3225X7R1H225M200AB
2.50 ± 0.30
± 10%
C3225X7R1H225K250AB
4532
1.60 ± 0.20
± 10%
C4532X7R1H225K160KA
± 20%
C4532X7R1H225M160KA
Page 51
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com