Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI3401 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI3401
Description  Support non-isolated and isolated switching topologies Comprehensive protection circuitry
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3401 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI3401 Datasheet HTML 3Page - Silicon Laboratories SI3401 Datasheet HTML 4Page - Silicon Laboratories SI3401 Datasheet HTML 5Page - Silicon Laboratories SI3401 Datasheet HTML 6Page - Silicon Laboratories SI3401 Datasheet HTML 7Page - Silicon Laboratories SI3401 Datasheet HTML 8Page - Silicon Laboratories SI3401 Datasheet HTML 9Page - Silicon Laboratories SI3401 Datasheet HTML 10Page - Silicon Laboratories SI3401 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Si3400/Si3401
Rev. 0.9
7
VDD accuracy @ 0.8 mA
36 V < VPORT < 57 V
4.5
5.5
V
Softstart charging current
12
µA
Thermal Shutdown
Junction temperature
160
ºC
Thermal Shutdown Hysteresis
25
ºC
Table 5. Total Power Dissipation
Description
Condition
Min
Typ
Max
Units
Power Dissipation
VPORT = 50 V, VOUT =5V, 2A
1.2
W
Power Dissipation*
VPORT = 50 V, VOUT = 5 V, 2 A w/ diode
bridges bypassed
—0.7
W
*Note: Silicon Laboratories recommends the on-chip diode bridges be bypassed when output power requirements are >10 W
(Si3401) or in thermally-constrained applications. For more information, see “AN313: Using the Si3400 and Si3401 in
High Power Applications”.
Table 6. Package Thermal Characteristics
Parameter
Symbol
Test Condition
Typ
Units
Thermal resistance
(junction to ambient)
θJA
Still air; assumes a minimum of
nine thermal vias are connected
to a 2 in2 heat spreader plane for
the package “pad” node
(VNEG).
44
°C/W
Table 4. Electrical Characteristics (Continued)
Parameter
Description
Min
Typ
Max
Unit
Notes:
1. Transient surge defined in IEC60060 as a 1000 V impulse of either polarity applied to CT1–CT2 or SP1–SP2. The
shape of the impulse shall have a 300 ns full rise time and a 50 µs half fall time with 201
Ω source impedance.
2. The classification currents are guaranteed only when recommended RCLASS resistors are used, as specified in
Table 10.
3. IPORT includes full operating current of switching regulator controller.
4. The PD interface includes dual-level input current limit. At turn-on, before the HSO load capacitor is charged, the
current limit is set at the inrush level. After the capacitor has been charged within ~1.25 V of VNEG, the operating
current limit is engaged. This higher current limit remains active until the UVLO lower limit has been tripped or until the
hotswap switch is sufficiently current-limited to cause a foldback of the HSO voltage.
5. See “AN296: Using the Si3400/01 PoE PD Controller in Isolated and Non-Isolated Designs” for more information.
6. Applies to non-isolated applications only (VOUT on schematic in Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com