Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI3401 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI3401
Description  Support non-isolated and isolated switching topologies Comprehensive protection circuitry
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3401 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI3401 Datasheet HTML 1Page - Silicon Laboratories SI3401 Datasheet HTML 2Page - Silicon Laboratories SI3401 Datasheet HTML 3Page - Silicon Laboratories SI3401 Datasheet HTML 4Page - Silicon Laboratories SI3401 Datasheet HTML 5Page - Silicon Laboratories SI3401 Datasheet HTML 6Page - Silicon Laboratories SI3401 Datasheet HTML 7Page - Silicon Laboratories SI3401 Datasheet HTML 8Page - Silicon Laboratories SI3401 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev. 0.9 8/07
Copyright © 2007 by Silicon Laboratories
Si3400/Si3401
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si3400
Si3401
FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE
AND
SWITCHING REGULATOR
Features
Applications
Description
The Si3400 and Si3401 integrate all power management and control
functions required in a Power-over-Ethernet (PoE) powered device (PD)
application. The Si3400 and Si3401 convert the high voltage supplied over
the 10/100/1000BASE-T Ethernet connection into a regulated, low-voltage
output supply. The optimized architectures of the Si3400 and Si3401
minimize the solution footprint, reduce external BOM cost, and enable the
use of low-cost external components while maintaining high performance.
The Si3400 and Si3401 integrate the required diode bridges and transient
surge suppressors, thus enabling direct connection of ICs to the Ethernet
RJ-45 connector. The switching power FET and all associated functions are
also integrated. The integrated switching regulator supports isolated
(flyback) and non-isolated (buck) converter topologies. The Si3400 and
Si3401 support IEEE STD™ 802.3-2005 (future instances are referred to as
802.3) compliant solutions as well as pre-standard products, all in a single
IC. Standard external resistors connected to the Si3400 and Si3401 provide
the proper 802.3 signatures for the detection function and programming of
the classification mode. Startup circuits ensure well-controlled initial
operation of both the hotswap switch and the voltage regulator. The Si3400
and Si3401 are available in low-profile, 20-pin, 5 x 5 mm QFN packages.
While the Si3400 is designed for applications up to 10 W, the Si3401 is
optimized for higher power applications (up to approximately 15 W). See
also “AN313: Using the Si3400/01 in High Power Applications” for more
information.
IEEE 802.3 standard-compliant
solution, including pre-standard
(legacy) PoE support
Highly-integrated IC enables
compact solution footprints
Minimal external components
Integrated diode bridges and
transient surge suppressor
Integrated switching regulator
controller with on-chip power
FET
Integrated dual current-limited
hotswap switch
Support non-isolated and
isolated switching topologies
Comprehensive protection
circuitry
Transient overvoltage
protection
Undervoltage lockout
Early power-loss indicator
Thermal shutdown protection
Foldback current limiting
Programmable classification
circuit
Low-profile 5 x 5 mm 20-pin QFN
Pb-Free and RoHS-compliant
Voice over IP telephones and
adapters
Wireless access points
Security cameras
Point-of-sale terminals
Internet appliances
Network devices
High power applications (Si3401)
Notes:
1. Pin VSSA added on revisions CZ
and higher.
2. Pin ISOSSFT added on revisions
CZ and higher. Function available
on revision E silicon. For Rev CZ,
or to disable this feature on
Revision E, tie this pin to VDD.
Ordering Information:
See Ordering Guide on page
page 17.
Pin Assignments
5x 5mm QFN
(Top View)
EROUT
SSFT
SP1
VPOSF
CT1
ISOSSFT
2
VDD
56
7
8
9
10
15
16
20
19
18
17
1
2
3
4
11
12
13
14
VNEG
(PAD)
CT2


Similar Part No. - SI3401

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3401 SILABS-SI3401 Datasheet
447Kb / 20P
FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
SI3401-X-GM SILABS-SI3401-X-GM Datasheet
447Kb / 20P
FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
More results

Similar Description - SI3401

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S_15 Datasheet
534Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT Datasheet
633Kb / 8P
NON-ISOLATED SWITCHING REGULATOR
V78-1000-SMT CUI-V78-1000-SMT Datasheet
552Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
06/24/2019
P783-S CUI-P783-S Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
08/08/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com