Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLAS191A Datasheet(PDF) 67 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Datasheet(HTML) 67 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 63Page - Texas Instruments SLAS191A Datasheet HTML 64Page - Texas Instruments SLAS191A Datasheet HTML 65Page - Texas Instruments SLAS191A Datasheet HTML 66Page - Texas Instruments SLAS191A Datasheet HTML 67Page - Texas Instruments SLAS191A Datasheet HTML 68Page - Texas Instruments SLAS191A Datasheet HTML 69Page - Texas Instruments SLAS191A Datasheet HTML 70Page - Texas Instruments SLAS191A Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
5–1
5 Half Duplex Monitor Software UART
The Monitor Program provides several functions for handling serial data communications using the RS-232
interface. The user can call these functions by using the associated vectors in the terminal program. Use
the absolute address mode to call these functions. For example, a possible syntax for preparing the half
duplex software UART to receive characters is:
CALL
&0FFD6h
;in address FFD6h the vector of RX_Prep is stored
another possible syntax is:
RX_Prep .equ
0FFD6h
CALL
&RX_Prep ;in address FFD6h the vector of RX_Prep is stored
The STK/EVK software UART cannot be used for binary transfers for the following two reasons:
•
The protocol has only seven data-bits.
•
A zero cannot be received because this is the detection scheme for no-character-received.
The vectors related to these functions are stored in the following locations (see Table 5–1):
Table 5–1. Function/Vector
FUNCTION NAME
VECTOR ADDRESS
FUNCTION PURPOSE
TX_Word
0FFD0h
Transmit 1 space and a four digit hex number in R11
TX_Char†
0FFD2h
Transmit 1 char in TXData (20Eh)
TX_Table†
0FFD4h
Transmit table (string address should be in R11)
RX_Prep†
0FFD6h
Prepare halfduplex software UART for receive
TX_Prep†
0FFD8h
Prepare halfduplex software UART for transmit
INT_RXTX
0FFDAh
Interrupt service routine for receive and transmit
Ret_Mon
0FFDCh
Return to the Monitor with a br Ret_Mon statement
† Calling TX_Char, TX_Table, TX_Prep, or RX_Prep enables the GIE flag in the status register (SR). The GIE bit remains
set even if it was disabled before calling these routines.
5.1
Transmission Parameters of the Software UART
The transmission parameters of the MSP-STK/EVK430x320 and EVK430x330 are:
•
2400 Baud
•
1 start-bit
•
7 data-bits
•
1 parity-bit (even)
•
1 stop-bit
The RTS and DTR pins of the serial port must be set to high to provide the supply voltage for the STK/EVK
if no battery is assembled. This is done automatically in the Windows HyperTerminal program. If other
communication software is used, the specified pin levels must be met.
5.2
Identification of Bit Pattern AA55h
The interrupt service routine INT_RXTX is used for the receive and transmit function. If another INT_RXTX
service routine is being used, the identification bit pattern AA55h must be stored in memory location 3DEh
(5DEh for the MSP430x33x family). Otherwise, the INT_RXTX service routine will never branch program
execution to the vector located in the user interrupt vector table. This pattern remains in memory until it is
changed by the program or the power is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com