Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLAS191A Datasheet(PDF) 10 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 6Page - Texas Instruments SLAS191A Datasheet HTML 7Page - Texas Instruments SLAS191A Datasheet HTML 8Page - Texas Instruments SLAS191A Datasheet HTML 9Page - Texas Instruments SLAS191A Datasheet HTML 10Page - Texas Instruments SLAS191A Datasheet HTML 11Page - Texas Instruments SLAS191A Datasheet HTML 12Page - Texas Instruments SLAS191A Datasheet HTML 13Page - Texas Instruments SLAS191A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
1–4
MSP–STK430A320
>_
Figure 1–3. Terminal Screen
A help message is displayed on the screen automatically if the Monitor message MSP-STK430x320 is not
received by the STK/EVK control software, where x is the current revision letter.
Reset Button
NOTE: Pins for the STK Demo Program
Some pins of the MSP430 device will be used for the sensor demo program (only available on
the STK):
A5 (connected to the sensor)
Seg0. . .Seg13 (connected to the LCD Display)
Com1. . .Com4 (connected to the LCD Display)
R03. . .R33 (connected to the LCD R-Ladder)
P0.0 (connected to the Trigger button)
The string MSP-STK430x320 should appear in the HyperTerminal window (white background
area of the STKW95 HyperTerminal
 window). In addition, the LCD display on the evaluation
board (EVK or STK) should display MSP430.
If both do not appear, simply press the reset button on the evaluation board (identified with an
RES etched next to it) one time.
NOTE:
The MSP430 evaluation board requires very low supply voltages due to its ultra-low
power consumption characteristics. In this case, the RS232 interface, or a 3.6 V
lithium battery (if installed) provides the supply voltage for the STK/EVK.
Due to PC com port differences, it may be necessary to jumper the board down to
3 V or supply an external battery. To jumper the board, refer to the diagram in the
STK/EVK Target Connectors section, and place one jumper across the Vcc holes,
and another across the Vcc/LCD holes where the default for both of these is open.
HyperTerminal is a trademark of Hilgraeve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com