Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8538AUJZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8538AUJZ-R2
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538AUJZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8538AUJZ-R2 Datasheet HTML 1Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 2Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 3Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8538/AD8539
Data Sheet
Rev. B | Page 4 of 24
@ VS = 2.7 V, VCM = 1.35 V, VO = 1.35 V, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
5
13
µV
−40°C ≤ TA ≤ +125°C
30
µV
Input Bias Current
IB
15
25
pA
−40°C ≤ TA ≤ +85°C
35
100
pA
−40°C ≤ TA ≤ +125°C
0.7
1.0
nA
Input Offset Current
IOS
20
50
pA
−40°C ≤ TA ≤ +125°C
150
pA
Input Voltage Range
0
2.7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.5 V
110
140
dB
−40°C ≤ TA ≤ +125°C
100
135
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.1 V to 1.7 V
110
140
dB
−40°C ≤ TA ≤ +125°C
105
135
dB
Offset Voltage Drift
∆VOS/∆T
−40°C ≤ TA ≤ +125°C
0.03
0.1
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to ground
2.68
2.698
V
−40°C ≤ TA ≤ +125°C, RL = 100 kΩ to ground
2.68
V
RL = 10 kΩ to ground
2.67
2.68
V
−40°C ≤ TA ≤ +125°C, RL = 10 kΩ to ground
2.66
V
Output Voltage Low
VOL
RL = 100 kΩ to V+
1.7
5
mV
−40°C ≤ TA ≤ +125°C, RL = 100 kΩ to V+
2.4
5
mV
RL = 10 kΩ to V+
14
20
mV
−40°C ≤ TA ≤ +125°C, RL = 10 kΩ to V+
20
25
mV
Short-Circuit Limit
ISC
±8
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V
105
125
dB
−40°C ≤ TA ≤ +125°C
100
125
dB
Supply Current/Amplifier
ISY
IO = 0
150
180
µA
−40°C ≤ TA ≤ +125°C
190
215
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
0.35
V/µs
Settling Time 0.01%
tS
G = ±1, 1 V step, CL = 20 pF, RL = 1 kΩ
5
μs
Overload Recovery Time
0.05
ms
Gain Bandwidth Product
GBP
430
kHz
Phase Margin
ØM
RL = 10 kΩ, RL = 100 kΩ, CL = 20 pF
65
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
2.0
µV p-p
Voltage Noise Density
en
f = 1 kHz
50
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com