Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8538AUJZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8538AUJZ-R2
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538AUJZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8538AUJZ-R2 Datasheet HTML 11Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 12Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 13Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 14Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 15Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 16Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 17Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 18Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD8538/AD8539
Rev. B | Page 15 of 24
AD8539
10000
1000
100
10
1
0.1
0.001
0.01
0.1
1
10
100
ILOAD (mA)
SINK, VS = ± 1.35V
SOURCE, VS = ± 2.5V
SOURCE, VS = ± 1.35V
SINK, VS = ± 2.5V
Figure 40. AD8539 Output Saturation Voltage vs. Load Current
35
30
25
20
15
10
5
0
–40 –25
–10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
AD8539
VS = 5V
VDD - VOH, IL = 250µA, RL = 10kΩ
VDD - VOH, IL = 25µA, RL = 100kΩ
VOL, IL = 250µA, RL = 10kΩ
VOL, IL = 25µA, RL = 100kΩ
Figure 41. AD8539 Output Saturation Voltage vs. Temperature
60
40
20
0
–20
–40
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = 100
AV = 10
AV = 1
AD8539
VSY = ±2.5V
RL = 2kΩ
CL = 20pF
Figure 42. AD8539 Closed-Loop Gain vs. Frequency
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
–120
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AD8539
VSY = ±2.5V
RL = 2kΩ
CL = 20pF
Figure 43. AD8539 Open-Loop Gain and Phase vs. Frequency
140
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CHANNEL B
CHANNEL A
AD8539
VSY = ±2.5V
Figure 44. AD8539 CMRR vs. Frequency
120
100
80
60
40
20
0
–20
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR–
AD8539
VSY = ±2.5V
PSRR+
Figure 45. AD8539 PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com