Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9822JR Datasheet(PDF) 13 Page - Analog Devices

Part # AD9822JR
Description  Complete 14-Bit CCD/CIS Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822JR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9822JR Datasheet HTML 9Page - Analog Devices AD9822JR Datasheet HTML 10Page - Analog Devices AD9822JR Datasheet HTML 11Page - Analog Devices AD9822JR Datasheet HTML 12Page - Analog Devices AD9822JR Datasheet HTML 13Page - Analog Devices AD9822JR Datasheet HTML 14Page - Analog Devices AD9822JR Datasheet HTML 15Page - Analog Devices AD9822JR Datasheet HTML 16Page - Analog Devices AD9822JR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD9822
Rev. B | Page 13 of 20
INTERNAL REGISTER DESCRIPTIONS
Table 6. Internal Register Map
Register Name
Address
Data Bits
A2
A1
A0
D8
D7
D6
D
D4
D3
D2
D1
D0
Configuration
0
0
0
0
0
VREF
3Ch/1Ch
CDS On
Clamp
Pwr Dn
0
0
MUX
0
0
1
0
RGB/BGR
Red
Green
Blue
0
0
0
0
Red PGA
0
1
0
0
0
0
MSB
LSB
Green PGA
0
1
1
0
0
0
MSB
LSB
Blue PGA
1
0
0
0
0
0
MSB
LSB
Red Offset
1
0
1
MSB
LSB
Green Offset
1
1
0
MSB
LSB
Blue Offset
1
1
1
MSB
LSB
Configuration Register
The Configuration Register controls the AD9822’s operating mode and bias levels. Bits D8, D1, and D0 should always be set low. Bit D7
sets the full-scale voltage range of the AD9822’s ADC to either 4 V (high) or 2 V (low). Bit D6 controls the internal voltage reference. If the
AD9822’s internal voltage reference is used, this bit is set high. Setting Bit D6 low disables the internal voltage reference, allowing an
external voltage reference to be used. Bit D5 configures the AD9822 for either the 3-channel (high) or 1-channel (low) mode of operation.
Setting Bit D4 high enables the CDS mode of operation and setting this bit low enables the SHA mode of operation. Bit D3 sets the dc bias
level of the AD9822’s input clamp. This bit should always be set high for the 4 V clamp bias, unless a CCD with a reset feedthrough
transient exceeding 2 V is used. If the 3 V clamp bias level is used, the peak-to-peak input signal range to the AD9822 is reduced to 3 V
maximum. Bit D2 controls the power-down mode. Setting Bit D2 high places the AD9822 into a very low power “sleep” mode. All register
contents are retained while the AD9822 is in the power-down state.
Table 7. Configuration Register Settings
D8
D7
D6
D5
D4
D3
D2
D1
D0
Set to 0
Set to 0
Internal VREF
No. of Channels
CDS Operation
Input Clamp Bias
Power-Down
Set to 0
Set to 0
1 = Enabled1
1 = 3-Ch Mode1
1 = CDS Mode1
1 = 4 V1
1 = On
0 = Disabled
0 = 1-Ch Mode
0 = SHA Mode
0 = 3 V
0 = Off (Normal)1
1 Power-on default value.
MUX Register
The MUX register controls the sampling channel order in the AD9822. Bits D8, D3, D2, D1, and D0 should always be set low. Bit D7 is
used when operating in 3-channel mode. Setting Bit D7 high sequences the MUX to sample the red channel first, then the green channel,
and then the blue channel. When in this mode, the CDSCLK2 pulse always resets the MUX to sample the red channel first (see Figure 3).
When Bit D7 is set low, the channel order is reversed to blue first, green second, and red third. The CDSCLK2 pulse always resets the
MUX to sample the blue channel first. Bits D6, D5, and D4 are used when operating in 1-channel mode. Bit D6 is set high to sample the
red channel. Bit D5 is set high to sample the green channel. Bit D4 is set high to sample the blue channel. The MUX remains stationary
during 1-channel mode.
Table 8. MUX Register Settings
D8
D7
D6
D5
D4
D3
D2
D1
D0
Set to 0
3-Channel Select
1-Channel Select
1-Channel Select
1-Channel Select
Set to 0
Set to 0
Set to 0
Set to 0
1 = R-G-B1
1 = RED1
1 = GREEN
1 = BLUE
0 = B-G-R
0 = Off
0 = Off1
0 = Off1
1 Power-on default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com