Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9822JR Datasheet(PDF) 17 Page - Analog Devices

Part # AD9822JR
Description  Complete 14-Bit CCD/CIS Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822JR Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9822JR Datasheet HTML 12Page - Analog Devices AD9822JR Datasheet HTML 13Page - Analog Devices AD9822JR Datasheet HTML 14Page - Analog Devices AD9822JR Datasheet HTML 15Page - Analog Devices AD9822JR Datasheet HTML 16Page - Analog Devices AD9822JR Datasheet HTML 17Page - Analog Devices AD9822JR Datasheet HTML 18Page - Analog Devices AD9822JR Datasheet HTML 19Page - Analog Devices AD9822JR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD9822
Rev. B | Page 17 of 20
APPLICATIONS
CIRCUIT AND LAYOUT RECOMMENDATIONS
Figure 16 shows the recommended circuit configuration for
3-channel CDS mode operation. The recommended input
coupling capacitor value is 0.1 µF (see the Circuit Operation
section). A single ground plane is recommended for the
AD9822. A separate power supply may be used for DRVDD,
the digital driver supply, but this supply pin should still be
decoupled to the same ground plane as the rest of the AD9822.
The loading of the digital outputs should be minimized, either
by using short traces to the digital ASIC or by using external
digital buffers. To minimize the effect of digital transients
during major output code transitions, the falling edge of
CDSCLK2 should occur coincident with or before the rising
edge of ADCCLK (see Figure 3 through Figure 6 for timing).
All 0.1 µF decoupling capacitors should be located as close as
possible to the AD9822 pins. When operating in single-channel
mode, the unused analog inputs should be grounded.
Figure 17 shows the recommended circuit configuration for
3-channel SHA mode. All of the above considerations also apply
for this configuration, except that the analog input signals are
directly connected to the AD9822 without the use of coupling
capacitors. The analog input signals must already be dc-biased
between 0 V and 2 V (see the Circuit Operation section).
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9822
CDSCLK1
AVDD
CDSCLK2
ADCCLK
OEB
DRVDD
DRVSS
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
AVSS
VINR
OFFSET
VING
CML
VINB
CAPT
CAPB
AVSS
AVDD
SLOAD
SCLK
SDATA
3
CLOCK INPUTS
8
DATA OUTPUTS
0.1
µF
3
SERIAL INTERFACE
0.1
µF
5V/3V
5V
0.1
µF
0.1
µF
0.1
µF
0.1
µF
RED INPUT
GREEN INPUT
BLUE INPUT
0.1
µF
0.1
µF
1.0
µF
0.1
µF
0.1
µF
+
10
µF
5V
0.1
µF
Figure 16. Recommended Circuit Configuration, 3-Channel CDS Mode
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9822
CDSCLK1
AVDD
CDSCLK2
ADCCLK
OEB
DRVDD
DRVSS
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
AVSS
VINR
OFFSET
VING
CML
VINB
CAPT
CAPB
AVSS
AVDD
SLOAD
SCLK
SDATA
3
CLOCK INPUTS
8
DATA OUTPUTS
0.1
µF
3
SERIAL INTERFACE
0.1
µF
5V/3V
5V
0.1
µF
RED INPUT
GREEN INPUT
BLUE INPUT
0.1
µF
0.1
µF
0.1
µF
+
10
µF
5V
0.1
µF
Figure 17. Recommended Circuit Configuration, 3-Channel SHA Mode (Analog Inputs Sampled with Respect to Ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com