Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1443CDHD Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1443CDHD
Description  Ultralow Power Quad omparators with Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1443CDHD Datasheet(HTML) 2 Page - Linear Technology

  LTC1443CDHD Datasheet HTML 1Page - Linear Technology LTC1443CDHD Datasheet HTML 2Page - Linear Technology LTC1443CDHD Datasheet HTML 3Page - Linear Technology LTC1443CDHD Datasheet HTML 4Page - Linear Technology LTC1443CDHD Datasheet HTML 5Page - Linear Technology LTC1443CDHD Datasheet HTML 6Page - Linear Technology LTC1443CDHD Datasheet HTML 7Page - Linear Technology LTC1443CDHD Datasheet HTML 8Page - Linear Technology LTC1443CDHD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC1443/LTC1444/LTC1445
2
144345fe
absoluTe MaxiMuM raTings
Voltage:
V+ to V, V+ to GND, GND to V...........12V to –0.3V
IN+, IN, HYST..................(V+ + 0.3V) to (V– 0.3V)
REF ...................................(V+ + 0.3V) to (V– 0.3V)
OUT (LTC1443) ...............(V+ + 0.3V) to (GND – 0.3V)
OUT
(LTC1444/LTC1445) ........(V+ + 0.3V) to (V– 0.3V)
Current:
IN+, IN, HYST ................................................. 20mA
REF ................................................................... 20mA
OUT .................................................................. 50mA
(Note 1)
1
2
3
4
5
6
7
8
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
OUT B
OUT A
V+
IN A
IN A+
IN B
IN B+
REF
OUT C
OUT D
GND/HYST
IN D+
IN D
IN C+
IN C
V
TJMAX = 150°C, θJA = 90°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (S)
PIN 14 IS GND FOR THE LTC1443
PIN 14 IS HYST FOR THE LTC1444 AND LTC1445
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
OUT C
OUT D
GND/HYST
IN D+
IN D
IN C+
IN C
V
OUT B
OUT A
V+
IN A
IN A+
IN B
IN B+
REF
TOP VIEW
DHD16 PACKAGE
16-LEAD (5mm
× 4mm) PLASTIC DFN
TJMAX = 125°C, θJA = 41.7°C/ W
EXPOSED PAD (PIN 17) INTERNALLY CONNECTED TO V
PIN 14 IS GND FOR THE LTC1443
PIN 14 IS HYST FOR THE LTC1444 AND LTC1445
pin conFiguraTion
OUT Short-Circuit Duration (V+ ≤ 5.5V)........Continuous
Power Dissipation.............................................. 500mW
Operating Temperature Range
Commercial..............................................0°C to 70°C
Industrial ............................................ –40°C to 85°C
Storage Temperature Range
PDIP, SO............................................–65°C to 150°C
DFN....................................................–65°C to 150°C
Lead Temperature Range (Soldering, 10 sec)
PDIP, SO...........................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com