Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1443CDHD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1443CDHD
Description  Ultralow Power Quad omparators with Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1443CDHD Datasheet(HTML) 3 Page - Linear Technology

  LTC1443CDHD Datasheet HTML 1Page - Linear Technology LTC1443CDHD Datasheet HTML 2Page - Linear Technology LTC1443CDHD Datasheet HTML 3Page - Linear Technology LTC1443CDHD Datasheet HTML 4Page - Linear Technology LTC1443CDHD Datasheet HTML 5Page - Linear Technology LTC1443CDHD Datasheet HTML 6Page - Linear Technology LTC1443CDHD Datasheet HTML 7Page - Linear Technology LTC1443CDHD Datasheet HTML 8Page - Linear Technology LTC1443CDHD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC1443/LTC1444/LTC1445
3
144345fe
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LTC1443CN#PBF
LTC1443CN#TRPBF
LTC1443CN
16-Lead PDIP
0°C to 70°C
LTC1443CS#PBF
LTC1443CS#TRPBF
LTC1443CS
16-Lead Plastic SO
0°C to 70°C
LTC1443IN#PBF
LTC1443IN#TRPBF
LTC1443IN
16-Lead PDIP
–40°C to 85°C
LTC1443IS#PBF
LTC1443IS#TRPBF
LTC1443IS
16-Lead Plastic SO
–40°C to 85°C
LTC1444CN#PBF
LTC1444CN#TRPBF
LTC1444CN
16-Lead PDIP
0°C to 70°C
LTC1444CS#PBF
LTC1444CS#TRPBF
LTC1444CS
16-Lead Plastic SO
0°C to 70°C
LTC1444IN#PBF
LTC1444IN#TRPBF
LTC1444IN
16-Lead PDIP
–40°C to 85°C
LTC1444IS#PBF
LTC1444IS#TRPBF
LTC1444IS
16-Lead Plastic SO
–40°C to 85°C
LTC1445CN#PBF
LTC1445CN#TRPBF
LTC1445CN
16-Lead PDIP
0°C to 70°C
LTC1445CS#PBF
LTC1445CS#TRPBF
LTC1445CS
16-Lead Plastic SO
0°C to 70°C
LTC1445IN#PBF
LTC1445IN#TRPBF
LTC1445IN
16-Lead PDIP
–40°C to 85°C
LTC1445IS#PBF
LTC1445IS#TRPBF
LTC1445IS
16-Lead Plastic SO
–40°C to 85°C
LTC1443CDHD#PBF
LTC1443CDHD#TRPBF
1443
16-Lead (5mm × 4mm) Plastic DFN
0°C to 70°C
LTC1443IDHD#PBF
LTC1443IDHD#TRPBF
1443
16-Lead (5mm × 4mm) Plastic DFN
–40°C to 85°C
LTC1444CDHD#PBF
LTC1444CDHD#TRPBF
1444
16-Lead (5mm × 4mm) Plastic DFN
0°C to 70°C
LTC1444IDHD#PBF
LTC1444IDHD#TRPBF
1444
16-Lead (5mm × 4mm) Plastic DFN
–40°C to 85°C
LTC1445CDHD#PBF
LTC1445CDHD#TRPBF
1445
16-Lead (5mm × 4mm) Plastic DFN
0°C to 70°C
LTC1445IDHD#PBF
LTC1445IDHD#TRPBF
1445
16-Lead (5mm × 4mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V+
Supply Voltage Range
l
2.0
11.0
V
ICC
Supply Current
IN+ = IN= 80mV
HYST = REF (LTC1444/LTC1445)
l
5.5
8.5
µA
Comparator
VOS
Comparator Input Offset Voltage
VCM = 2.5V
l
±3.0
±10.0
mV
IIN
Input Leakage Current (IN+, IN)
VIN+ = VIN– = 2.5V
l
±0.01
±1.0
nA
Input Leakage Current (HYST)
LTC1444/LTC1445
l
±0.02
±1.0
nA
VCM
Comparator Input Common Mode Range
l
V
V+ – 1.3V
V
CMRR
Common Mode Rejection Ratio
Vto (V+ – 1.3V)
0.1
1.0
mV/V
PSRR
Power Supply Rejection Ratio
V+ = 2V to 11V
0.1
1.0
mV/V
Noise
Voltage Noise
100Hz to 100kHz
20
µVRMS
VHYST
Hysteresis Input Voltage Range
LTC1444, LTC1445
l
REF – 50mV
REF
V
tPD
Propagation Delay
Overdrive = 10mV, COUT = 100pF
Overdrive = 100mV, COUT = 100pF
12
4
µs
µs
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V= GND = 0V, unless otherwise noted.
elecTrical characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com